Electronic Components Datasheet Search
  English  ▼

X  

ACM2002E Datasheet(PDF) 8 Page - AZ Displays

Part # ACM2002E
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ACM2002E Datasheet(HTML) 8 Page - AZ Displays

Back Button ACM2002E Datasheet HTML 2Page - AZ Displays ACM2002E Datasheet HTML 3Page - AZ Displays ACM2002E Datasheet HTML 4Page - AZ Displays ACM2002E Datasheet HTML 5Page - AZ Displays ACM2002E Datasheet HTML 6Page - AZ Displays ACM2002E Datasheet HTML 7Page - AZ Displays ACM2002E Datasheet HTML 8Page - AZ Displays ACM2002E Datasheet HTML 9Page - AZ Displays ACM2002E Datasheet HTML 10Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ACM2002E SERIES LCD MODULE
AZ DISPLAYS, INC.
07/01/2002
7
10.0 RELIABILITY TEST
Evaluations and Assessment*
Storage Condition
Content
Current
Consumption
Oozing
Contrast
Other Appearances
Operation at high
temperature and
humidity
40ºC,90%
RH,240hrs
Twice initial
value or less
none
More than 80% of
initial value
No abnormality
High temperature
storage
60ºC,
240hrs
Twice initial
value or less
none
More than 80% of
initial value
No abnormality
Low temperature
storage
-20ºC,
240hrs
Twice initial
value or less
More than 80% of
initial value
No abnormality
*Evaluations and assessment to be made two hours after returning to room temperature (25ºC±5ºC).
*The LCDs subjected to the test must not have dew condensation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com