Electronic Components Datasheet Search
  English  ▼

X  

14201 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 14201
Description  5 Minute Epoxy
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

14201 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  14201 Datasheet HTML 1Page - List of Unclassifed Manufacturers 14201 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
Revision Date: 11.11.10 Rev 4
Unit 3, Shipton Way, Express Business Park, Northampton Road, Rushden,
NN10 6GL, UK
ITW Devcon Industrial Products, Liebigstraße 21, 24145 KIEL,
Deutschland/Germany
5 Minute
® Epoxy
APPLICATION INFORMATION
Surface
Preparation
5 Minute Epoxy works best on clean surfaces. Surfaces should be free of heavy deposits of
grease, oil, dirt or other contaminants, or cleaned with industrial cleaning equipment such as
vapour phase degreasers or hot aqueous baths. Abrading or roughing the surfaces of
metals will increase the microscopic bond area significantly and optimise the bond strength.
Mixing
This product is available in cartridge, non-cartridge and 28g Devtube form.
Cartridge Form: The cartridge should be used with the appropriate manual Applicator Gun
and Static Mixer Nozzle. The Static Mixer Nozzle enables the epoxy to be dispensed,
metered and directly applied to the surfaces to be bonded.
Please note: Once the product cures in the nozzle it has to be thrown away and a new
nozzle used.
Non-Cartridge Form: Proper homogenous mixing of the two epoxy components of resin and
hardener are essential for the curing and development of stated strengths. Always mix the
two components with clean tools, preferably of a disposable design.
For small amounts use Devcon's 28g Devtube, which comes with it’s own plunger to extrude
the two components at an equal rate.
Application
Apply mixed epoxy directly to one surface in an even film or as a bead. Assemble with the
mating part within the recommended working time. Obtain firm contact between the parts to
minimize any gap and ensure good contact of the epoxy with the mating part. A small
amount of epoxy should flow out the edges to show there is adequate gap filling. For very
large gaps, apply epoxy to both surfaces and spread to cover the entire area, or make a
bead pattern, which will allow flow throughout the joint.
Let bonded assemblies stand for the recommended functional cure time before handling.
They are capable of withstanding processing forces at this point, but should not be dropped,
shock loaded or heavily loaded.
Storage
Shelf Life
Devcon Epoxy Adhesives should be stored in a cool, dry place when not used for a long
period of time. A shelf life of 3 years from date of manufacture can be expected when stored
at room temperature 22ºC in their original containers.
Precaution
For complete safety and handling information please refer to the appropriate Materials Safety
Data Sheets prior to using this product.
Warranty
Devcon will replace any material found to be defective. Because the storage, handling and
application of this material is beyond our control we can accept no liability for the results
obtained.
Disclaimer
All information on this data sheet is based on laboratory testing and is not intended for
design purposes.
ITW Devcon makes no representations or warranties of any kind
concerning this data.
For product information visit www.devconeurope.com alternatively for technical assistance
please call +44 (0) 870 458 7388 (UK) or +49 431 718830 (Germany)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com