Electronic Components Datasheet Search
  English  ▼

X  

ATV2500BQL-30DM Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATV2500BQL-30DM
Description  High-Speed High-Density UV Erasable Programmable Logic Device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV2500BQL-30DM Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATV2500BQL-30DM Datasheet HTML 9Page - ATMEL Corporation ATV2500BQL-30DM Datasheet HTML 10Page - ATMEL Corporation ATV2500BQL-30DM Datasheet HTML 11Page - ATMEL Corporation ATV2500BQL-30DM Datasheet HTML 12Page - ATMEL Corporation ATV2500BQL-30DM Datasheet HTML 13Page - ATMEL Corporation ATV2500BQL-30DM Datasheet HTML 14Page - ATMEL Corporation ATV2500BQL-30DM Datasheet HTML 15Page - ATMEL Corporation ATV2500BQL-30DM Datasheet HTML 16Page - ATMEL Corporation ATV2500BQL-30DM Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ATV2500B
13
OUTPUT SOURCE CURRENT
vs. OUTPUT VOLTAGE (VCC=5V, TA=25°C)
-5
-4
-3
-2
-1
0
3.5
3.8
4.1
4.4
4.7
5.0
OUTPUT VOLTAGE (V)
I
O
H
m
A
OUTPUT SOURCE CURRENT
vs. OUTPUT VOLTAGE (VCC=5V, TA=25°C)
-80
-60
-40
-20
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
OUTPUT VOLTAGE (V)
I
O
H
m
A
NORMALIZED TCO
vs. SUPPLY VOLTAGE (TA=25°C)
0.8
0.9
1.0
1.1
1.2
1.3
4.50
4.75
5.00
5.25
5.50
SUPPLY VOLTAGE (V)
N
O
R
M
T
C
O
ATV2500BQ(L)
ATV2500B(L)
NORMALIZED TPD
vs. AMBIENT TEMPERATURE (VCC = 5V)
0.8
0.9
1.0
1.1
1.2
1.3
-55
-25
5
35
6595125
AMBIENT TEMPERATURE (C)
N
O
R
M
T
P
D
ATV2500B(L)
ATV2500BQ(L)
NORMALIZED TCO
vs. AMBIENT TEMPERATURE (VCC = 5V)
0.8
0.9
1.0
1.1
1.2
1.3
-55
-25
5
35
65
95
125
AMBIENT TEMPERATURE (C)
N
O
R
M
T
C
O
ATV2500B(L)
ATV2500BQ(L)
Note:
1.
All normalized values referenced to maximum specification in AC Characteristics of data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com