Electronic Components Datasheet Search
  English  ▼

X  

ACM2004C Datasheet(PDF) 4 Page - AZ Displays

Part # ACM2004C
Description  ACM2004C SERIES LCD MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ACM2004C Datasheet(HTML) 4 Page - AZ Displays

  ACM2004C Datasheet HTML 1Page - AZ Displays ACM2004C Datasheet HTML 2Page - AZ Displays ACM2004C Datasheet HTML 3Page - AZ Displays ACM2004C Datasheet HTML 4Page - AZ Displays ACM2004C Datasheet HTML 5Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AZ DISPLAYS, INC.
4
6/5/97
ACM2004C SERIES LCD MODULE
8.0 TIMING CHARACTERISTICS (KS0066 Controller)
Item
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Enable cycle time
tCYC
Fig. a, Fig. b
500
-
-
ns
Enable pulse width
PWEH
Fig. a, Fig. b
220
-
-
ns
Enable rise/fall time
tEr , tEf
Fig. a, Fig. b
-
-
25
ns
RS, R/W set up time
tAS
Fig. a, Fig. b
40
-
-
ns
RS, R/W hold time
tH1
Fig. a, Fig. b
10
-
-
ns
Data set up time
tDSW
Fig. a
60
-
-
ns
Data hold time
tH2
Fig. a
10
-
-
ns
Data delay time
tDDR
Fig. b
-
-
120
ns
Data hold time
tH2
Fig. b
20
-
-
ns
0.6V -
0.6V -
2.2V -
DDR
- 0.6V
- 2.2V
Fig. b Interface timing (data read)
t
RS
R/W
E
DB0-DB7
RS
R/W
E
DB0-DB7
- 2.2V
- 0.6V
- 2.2V
- 0.6V
- 0.6V
- 2.2V
Ef
t
2.2V -
- 0.6V
2.2V -
EH
PW
AS
Er
t
0.6V -
- 2.2V
t
Fig. a Interface timing (data write)
Valid Data
Valid Data
CYC
t
- 0.6V
t AS
EH
PW
0.6V -
Er
t
- 2.2V
- 0.6V
- 2.2V
CYC
t
2.2V -
0.6V -
H1
t
H1
t
H2
t
0.6V -
H1
2.2V -
t
0.6V -
H1
t
t H2
Ef
t
2.2V -
DSW
t
0.6V -
2.2V -
- 0.6V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com