Electronic Components Datasheet Search
  English  ▼

X  

LT3015IT Datasheet(PDF) 11 Page - Linear Technology

Part # LT3015IT
Description  1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3015IT Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3015IT Datasheet HTML 7Page - Linear Technology LT3015IT Datasheet HTML 8Page - Linear Technology LT3015IT Datasheet HTML 9Page - Linear Technology LT3015IT Datasheet HTML 10Page - Linear Technology LT3015IT Datasheet HTML 11Page - Linear Technology LT3015IT Datasheet HTML 12Page - Linear Technology LT3015IT Datasheet HTML 13Page - Linear Technology LT3015IT Datasheet HTML 14Page - Linear Technology LT3015IT Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3015
11
3015f
BLOCK DIAGRAM
–1.20V
1.21V
VREF
+
ADJ
IN
SHDN
I LIMIT FOLDBACK
OUT
NPN DRIVER
BIAS CIRCUITRY
ADJ PIN BIAS CURRENT
COMPENSATION
QPOWER
3015 BD
VTH
RSNS
+
_
+
–
ERROR AMP
–
+
I LIMIT AMP
GND
The LT3015 regulator is a 1.5A negative low dropout linear
regulator featuring precision current limit and precision
bi-directional shutdown. The device supplies up to 1.5A
of output load current at a typical dropout voltage of
310mV. Moreover, the low 1.1mA operating quiescent
current drops to less than 1μA in shutdown. In addition
to low quiescent current, the LT3015 incorporates several
protection features that make it ideal for battery powered
applications. In dual supply applications where the regu-
lator’s load is returned to a positive supply, OUT can be
pulled above GND by 30V and still allow the LT3015 to
start up and operate.
Adjustable Operation
The LT3015 regulator has an output voltage range of –1.22V
to –29.5V. Output voltage is set by the ratio of two external
resistors as shown in Figure 1. The device regulates the
output to maintain the ADJ pin voltage to –1.22V referred
to ground. The current in R1 equals –1.22V/R1 and the
current in R2 equals the current in R1 plus the ADJ pin
bias current. The ADJ pin bias current, 30nA at 25°C, flows
into the ADJ pin. Calculate the output voltage using the
formula shown in Figure 1. The value of R1 should be less
than 50k to minimize errors in the output voltage created
by the ADJ pin bias current. Note that in shutdown, the
output is off and the divider current is zero. Curves of
APPLICATIONS INFORMATION
ADJ Pin Voltage vs Temperature, ADJ Pin Bias Current vs
Temperature and ADJ Pin Bias Current vs Input Voltage
appear in the Typical Performance Characteristics section.
The adjustable device is tested and specified with the
ADJ pin tied to the OUT pin for a –1.22V output voltage.
Specifications for output voltages greater than –1.22V are
proportional to the ratio of the desired VOUT to –1.22V
(VOUT/–1.22V). For example, load regulation for an out-
put current change of –1mA to –1.5A is typically 2mV at
VOUT = –1.22V. At VOUT = –5V, load regulation equals:
(–5V/–1.22V) • (2mV) = 8.2mV
GND
LT3015
ADJ
OUT
SHDN
IN
VOUT
CIN
VIN
R1
R2
COUT
3015 F01
Figure 1. Adjustable Operation
VOUT = –1.22V 1+
R2
R1
⎛
⎝⎜
⎞
⎠⎟ +
IADJ
() R2
()
VADJ = –1.22V ANDIADJ = 30nA AT 25°C
OUTPUT RANGE
= –1.22 TO – 29.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com