Electronic Components Datasheet Search
  English  ▼

X  

LTC1289CCSW Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1289CCSW
Description  3 Volt Single Chip 12-Bit Data Acquisition System
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1289CCSW Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1289CCSW Datasheet HTML 7Page - Linear Technology LTC1289CCSW Datasheet HTML 8Page - Linear Technology LTC1289CCSW Datasheet HTML 9Page - Linear Technology LTC1289CCSW Datasheet HTML 10Page - Linear Technology LTC1289CCSW Datasheet HTML 11Page - Linear Technology LTC1289CCSW Datasheet HTML 12Page - Linear Technology LTC1289CCSW Datasheet HTML 13Page - Linear Technology LTC1289CCSW Datasheet HTML 14Page - Linear Technology LTC1289CCSW Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
LTC1289
1289fb
S
APPLICATI
I FOR ATIO
Unipolar/Bipolar (UNI)
The fifth input bit (UNI) determines whether the conver-
sion will be unipolar or bipolar. When UNI is a logical one,
a unipolar conversion will be performed on the selected
Unipolar Transfer Curve (UNI = 1)
input voltage. When UNI is a logical zero, a bipolar conver-
sion will result. The input span and code assignment for
each conversion type are shown in the figures below.
Unipolar Output Code (UNI = 1)
Bipolar Transfer Curve (UNI = 0)
Bipolar Output Code (UNI = 0)
OUTPUT CODE
1 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 0
•
•
•
0 0 0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0 0 0
INPUT VOLTAGE
VREF – 1LSB
VREF – 2LSB
•
•
•
1LSB
0V
INPUT VOLTAGE
(VREF = 2.5V)
2.4994V
2.4988V
•
•
•
0.0006V
0V
LTC1289 AI04a
VIN
0 0 0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0 0 0
1 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 0
•
•
•
LTC1289 AI04b
VIN
1 1 1 1 1 1 1 1 1 1 1 1
0 0 0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0 0 0
0 1 1 1 1 1 1 1 1 1 1 0
0 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 0
•
•
•
1 0 0 0 0 0 0 0 0 0 0 1
1 0 0 0 0 0 0 0 0 0 0 0
•
•
•
LTC1289 AI05b
OUTPUT CODE
1 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 0
•
•
•
1 0 0 0 0 0 0 0 0 0 0 1
1 0 0 0 0 0 0 0 0 0 0 0
INPUT VOLTAGE
–1LSB
–2LSB
•
•
•
–(VREF) + 1LSB
– (VREF)
INPUT VOLTAGE
(VREF = 2.5V)
–0.0012V
–0.0024V
•
•
•
–2.4988V
–2.5000V
OUTPUT CODE
0 1 1 1 1 1 1 1 1 1 1 1
0 1 1 1 1 1 1 1 1 1 1 0
•
•
•
0 0 0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0 0 0
INPUT VOLTAGE
VREF – 1LSB
VREF – 2LSB
•
•
•
1LSB
0V
INPUT VOLTAGE
(VREF = 2.5V)
2.4988V
2.4976V
•
•
•
0.0012V
0V
LTC1289 AI05a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com