Electronic Components Datasheet Search
  English  ▼

X  

ACM2004D Datasheet(PDF) 2 Page - AZ Displays

Part # ACM2004D
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ACM2004D Datasheet(HTML) 2 Page - AZ Displays

  ACM2004D Datasheet HTML 1Page - AZ Displays ACM2004D Datasheet HTML 2Page - AZ Displays ACM2004D Datasheet HTML 3Page - AZ Displays ACM2004D Datasheet HTML 4Page - AZ Displays ACM2004D Datasheet HTML 5Page - AZ Displays ACM2004D Datasheet HTML 6Page - AZ Displays ACM2004D Datasheet HTML 7Page - AZ Displays ACM2004D Datasheet HTML 8Page - AZ Displays ACM2004D Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ACM2004D SERIES LCD MODULE
AZ DISPLAYS, INC.
09/17/99
1
1.0 MECHANICAL SPECS
1.
Overall Module Size
98.0mm(W) x 60.0mm(H) x max 14.0mm(D) for LED backlight
version
98.0mm(W) x 60.0mm(H) x max 9.5mm(D) for reflective version
2.
Dot Size
0.55mm(W) x 0.55mm(H)
3.
Dot Pitch
0.60mm(W) x 0.60mm(H)
4.
Duty
1/16
5.
Controller IC
KS0066
6.
LC Fluid Options
TN, STN
7.
Polarizer Options
Reflective, Transflective, Transmissive
8.
Backlight Options
LED
9.
Temperature Range Options
Standard(0ºC ~ 50ºC), Wide(-20ºC ~ 70ºC)
2.0 ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Min
Typ
Max
Unit
Operating temperature (Standard)
Top
0
-
50
ºC
Storage temperature (Standard)
Tst
-10
-
60
ºC
Operating temperature (Wide temperature)
Top
-20
-
70
ºC
Storage temperature (Wide temperature)
Tst
-30
-
80
ºC
Input voltage
Vin
Vss
Vdd
V
Supply voltage for logic
Vdd- Vss
2.7
-
5.5
V
Supply voltage for LCD drive
Vdd- Vo
3.0
4.6
6.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com