Electronic Components Datasheet Search
  English  ▼

X  

MIH Datasheet(PDF) 1 Page - MMD Components

Part # MIH
Description  MIH Series 5X7 Ceramic SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MIH Datasheet(HTML) 1 Page - MMD Components

  MIH Datasheet HTML 1Page - MMD Components MIH Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD MONITOR/QUARTZEK – An ILSI Company,
5458 Louie Lane, Reno, NV 89511
Phone: (775) 851-8880, www.mmdcomp.com 
07/24/13 U
Subject to change without notice
Pg 1of 2
Revision:
M
MIIH
H S
Se
erriie
ess 5
5X
X7
7 C
Ce
erra
am
miicc S
SM
MD
D O
Osscciilllla
atto
orr
 Low Profile SMD Package
 Hermetically Sealed
 RoHS Compliant
 Wide Frequency Range
Marking Detail
Frequency Range
1.500MHZ to 156.250MHZ
Temperature Stability*
(See Part Number Guide for Options)
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature Range
-55°C to +125°C
Aging (+25°C ±3°C)
±5ppm for first year
Waveform
HCMOS
Supply Voltage ±5% (Vdd)
+1.80 VDC
+2.50 VDC
+3.30 VDC
+5.00 VDC
Supply Current
15mA
40mA
40mA
70mA
Load
15pF
15pF
10 TTL Gates
or 30pF
10 TTL Gates
or 50pF
Logic “0”
10% Vdd max
Logic “1”
90% Vdd min
Rise/Fall Time (10% to 90% of Supply Voltage)
4nSec
Symmetry (50% of waveform)
40%/60% (45%/55% optional)
Start-up Time
10mSec max
Jitter (RMS)
Less than 1 pSec
Tri-State Operation
Vih = 70% of Vdd min to Enable Output
Vil = 30% max or grounded to Disable Output (High Impedance)
* Inclusive of Temperature., Load and Voltage
Standby Current Consumption
10uA
Mechanical & Environmental Detail
Shock
MIL-STD-883, Method 2002 Cond B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-202, Method 215
Vibration
MIL-STD-883, Method 2007, Cond A
Gross Leak Test
MIL-STD-883, Method 1014, Cond C
Fine Leak Test
MIL-STD-883, Method 1014, Cond A2
MSL
Level 1 per IPC/JEDEC J-STD 20
Line 1 = MXXXXX
M
=
MMD
XXXXX
=
Frequency in MHZ
Line 2 = SYYWWL
S
=
Internal Code
YYWW
=
4 Digit Date Code (Year /
Week)
L
=
Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Black dot to denote Pin 1


Similar Part No. - MIH

ManufacturerPart #DatasheetDescription
logo
MMD Components
MIH MMD-MIH Datasheet
76Kb / 1P
5 x 7 Ceramic SMD Oscillator
logo
MERITEK ELECTRONICS COR...
MIH MERITEK-MIH Datasheet
271Kb / 2P
Aluminum Electrolytic Capacitors
logo
GOOD SKY ELECTRIC CO., ...
MIH GOODSKY-MIH Datasheet
375Kb / 2P
General Purpose Relay
MIH-SH-103D GOODSKY-MIH-SH-103D Datasheet
375Kb / 2P
General Purpose Relay
MIH-SH-103DB GOODSKY-MIH-SH-103DB Datasheet
375Kb / 2P
General Purpose Relay
More results

Similar Description - MIH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C5259 ETC1-C5259 Datasheet
73Kb / 4P
5x7 ceramic oscillator
logo
Crystek Corporation
C18XX CRYSTEKCRYSTAL-C18XX Datasheet
111Kb / 1P
5X7 mm SMD, 1.8V, LVCMOS Clock Oscillator
C25XX CRYSTEKCRYSTAL-C25XX Datasheet
111Kb / 1P
5X7 mm SMD, 2.5V, LVCMOS Clock Oscillator
CSO-018T CRYSTEKCRYSTAL-CSO-018T Datasheet
111Kb / 1P
Clock Oscillator 5X7 mm SMD, 3.3V, HCMOS
logo
Vectron International, ...
C5259 VECTRON-C5259 Datasheet
77Kb / 4P
5x7 ceramic oscillator
logo
MMD Components
MIHK MMD-MIHK_12 Datasheet
102Kb / 2P
MIHK Series 5X7 Ceramic SMD Oscillator
MQIC MMD-MQIC_12 Datasheet
117Kb / 2P
MQIC & MQIT Series 5X7 Ceramic SMD Oscillator
MQQI MMD-MQQI_12 Datasheet
245Kb / 5P
MQQI Series 5X7 Ceramic SMD Oscillator
MVQI MMD-MVQI_12 Datasheet
256Kb / 5P
5X7 Ceramic SMD VCXO
MIV2 MMD-MIV2 Datasheet
154Kb / 2P
5X7 Ceramic SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com