Electronic Components Datasheet Search
  English  ▼

X  

MKP Datasheet(PDF) 1 Page - MMD Components

Part # MKP
Description  MKP, MKL, and MKV Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MKP Datasheet(HTML) 1 Page - MMD Components

  MKP_13 Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice
Revision MKP020508E
MKP, MKL, and MKV Series
Industry Standard Package
Wide Frequency Range
Tape and Reel Available
1 pSec Jitter
ELECTRICAL SPECIFICATION:
LVDS
LVPECL
PECL
Frequency Range
70.000MHz to 622.080MHZ
Frequency Stability*
(See Part Number Guide for Options)
Operating Temp.Range
(See Part Number Guide for Options)
Storage Temp. Range
-55°C to +125°C
Aging
±5 ppm / yr max
Logic “0”
1.43V typ
Vdd – 1.620 VDC max
Vdd – 1.620 VDC max
Logic “1”
1.10V typ
Vdd- 1.025 vdc min
Vdd- 1.025 vdc min
2.5VDC ± 5%
50 mA max
50 mA max
N/A
3.3VDC ± 5%
60 mA max
60 mA max
N/A
Supply Voltage (Vdd)
Supply Current
5.0VDC ± 5%
N/A
N/A
140 mA max
Symmetry (50% of waveform)
(See Part Number Guide for Options)
Rise / Fall Time (20% to 80%)
2nSec max
Load
50 Ohms into Vdd-2.00 VDC
Start Time
10mSec max
Jitter (RMS)
1 pSec
Tri-State Operation
Vih = 70% of Vdd min to Enable Output
Vil = 30% max or grounded to Disable Output (High Impedance)
* Inclusive of Temp., Load, Voltage and Aging
MECHANICAL DIMENSIONS:
10.16 [.400]
14.73 [.580]
6.10 [.240]
0.79 [.031]
1.52 [.060]
1.02 [.040]
7.11 [.280]
2.54 [.100]
5.08 [.200]
1.27 [.050]
2.54 [.100]
6.35 [.250]
TRI-STATE
PIN 2
PIN 1
PIN CONNECTIONS
NO CONNECTION
PIN 3
PIN 4
PIN 5
PIN 6
COMPL. OUTPUT
SUPPLY VOLTAGE
CASE GROUND
OUTPUT
DIMENSION IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
UNIT IS NOT HERMETICALLY SEALED
RECOMMENDED
LAND PATTERN
3
2
1
4
5
6
PART NUMBERING GUIDE:
Please Consult with MMD Sales Department for any other Parameters or Options
Output
P = PECL
V = LVDS
L = LVPECL
Operating
Temperature
Blank = 0°C to +70°C
48 = -40°C to +85°C
Supply Voltage
020 = ±20 ppm
100 = ±100 ppm
050 = ±50 ppm
025 = ±25 ppm
5 = +5.0 VDC
3 = +3.3 VDC
2 = +2.5 VDC
010 = ±10 ppm
Stability
Frequency
Blank = Bulk
T = Tape and Reel
availability of Tape and Reel
Please check with factory for
Symmetry
Blank = 40%/60%
A = 45%/55%
Value Added Options
6 Pad SMD
MK
Frequency
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - MKP_13

ManufacturerPart #DatasheetDescription
logo
MMD Components
MKP2100 MMD-MKP2100 Datasheet
74Kb / 1P
Industry Standard Package
MKP210048 MMD-MKP210048 Datasheet
74Kb / 1P
Industry Standard Package
MKP210048A MMD-MKP210048A Datasheet
74Kb / 1P
Industry Standard Package
MKP2100A MMD-MKP2100A Datasheet
74Kb / 1P
Industry Standard Package
MKP3100 MMD-MKP3100 Datasheet
74Kb / 1P
Industry Standard Package
More results

Similar Description - MKP_13

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25856 EPCOS-B25856 Datasheet
179Kb / 6P
MKV AC, MKV DC Capacitors LSI Snubbering and Clamping
B25836-A3297-A372 EPCOS-B25836-A3297-A372 Datasheet
32Kb / 1P
MKV-Capacitor
B25836-A4197-A372 EPCOS-B25836-A4197-A372 Datasheet
32Kb / 1P
MKV-Capacitor
B25836-A4247-A372 EPCOS-B25836-A4247-A372 Datasheet
32Kb / 1P
MKV-Capacitor
B25836-A4996-A372 EPCOS-B25836-A4996-A372 Datasheet
33Kb / 1P
MKV-Capacitor
B25836-A5117-A372 EPCOS-B25836-A5117-A372 Datasheet
33Kb / 1P
MKV-Capacitor
B25836-A5147-A172 EPCOS-B25836-A5147-A172 Datasheet
32Kb / 1P
MKV-Capacitor
B25836-A5147-A372 EPCOS-B25836-A5147-A372 Datasheet
32Kb / 1P
MKV-Capacitor
B25836-A5456-A3X2 EPCOS-B25836-A5456-A3X2 Datasheet
33Kb / 1P
MKV-Capacitor
B25836-A6926-A372 EPCOS-B25836-A6926-A372 Datasheet
33Kb / 1P
MKV-Capacitor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com