Electronic Components Datasheet Search
  English  ▼

X  

MQBC Datasheet(PDF) 1 Page - MMD Components

Part # MQBC
Description  MQBC & MQBT Series 8 Pin DIP Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MQBC Datasheet(HTML) 1 Page - MMD Components

  MQBC Datasheet HTML 1Page - MMD Components MQBC Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
05/26/11 C
Subject to change without notice
Pg 1 of 2
Revision:
M
MQ
QB
BC
C &
& M
MQ
QB
BT
T S
Se
erriie
ess 8
8 P
Piin
n D
DIIP
P O
Osscciilllla
atto
orr
 Same Day Shipping Available
 Tri-state Function
 Tape and Reel Package Available
Shock
MIL-STD-883, Method 2002 Cond B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-202, Method 215
Vibration
MIL-STD-883, Method 2007, Cond A
Gross Leak Test
MIL-STD-883, Method 1014, Cond C
Environmental & Mechanical Detail
Marking Detail
Line 1 = MXXXXX
M
= MMD
XXXXX
= Frequency in MHZ
Line 2 = SYYWWL
S
= Internal Code
YYWW
=
4 Numerical Digit Date
Code (Year / Week)
L
= Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Pin 1 Designator
Frequency
1.000MHZ to 150.000MHZ
Frequency Stability (Inclusive of Temperature, Load, Voltage,
and Aging)
See Part Number Guide
Aging @ +25°C
±5 ppm per year max
Operating Temperature Range
See Part Number Guide
Storage Temperature Range
-55°C to +125°C
Output Waveform
TTL
CMOS
Supply Voltage (Vdd)
+3.3 VDC ±10%
+5.0 VDC ±10%
+3.3 VDC ±10%
+5.0 VDC ±10%
Supply Current (unloaded)
25mA
45mA
25mA
45mA
Load
5TTL or 30pF
10 TTL or 50pF
15pF
30pF
Logic “0”
0.4V max
0.5V max
Logic “1”
2.4 V min
Vdd-0.5V min
Rise/Fall Time
4nSec max
Start Up Time
10mSec max
Duty Cycle
1.000MHZ to 66.000MHZ
45%/55% (TTL @ 1.4V Level / Cmos @ 50% Waveform)
66.000MHZ and above
40%/60% (TTL @ 1.4V Level / Cmos @ 50% Waveform)
Jitter
1.000MHZ to 33.000MHZ
50pSec max (RMS) @ 5.0 VDC
50pSec max (RMS) @ 5.0 VDC
33.000MHZ and above
30pSec max (RMS) @ 5.0 VDC
40pSec max (RMS) @ 5.0 VDC


Similar Description - MQBC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A73 ETC1-A73 Datasheet
181Kb / 1P
8 Pin DIP ACMOS Clock Oscillator
ECS-2100 ETC1-ECS-2100 Datasheet
170Kb / 1P
8 PIN DIP CLOCK OSCILLATOR
ECS-2200 ETC1-ECS-2200 Datasheet
106Kb / 1P
8 PIN DIP CLOCK OSCILLATOR
logo
Crystek Corporation
S33XX CRYSTEKCRYSTAL-S33XX Datasheet
106Kb / 1P
Clock Oscillator 8 Pin Dip, 3.3V, HCMOS
logo
Connor-Winfield Corpora...
A73 CONNOR-WINFIELD-A73 Datasheet
118Kb / 1P
8 Pin DIP ACMOS Clock Oscillator
A73AA CONNOR-WINFIELD-A73AA Datasheet
120Kb / 1P
8 Pin DIP ACMOS Clock Oscillator
logo
ECS, Inc.
ECS-2100X ECS-ECS-2100X Datasheet
182Kb / 1P
8 PIN DIP CLOCK OSCILLATOR
ECS-2200X ECS-ECS-2200X Datasheet
183Kb / 1P
8 PIN DIP CLOCK OSCILLATOR
ECS-2100 ECS-ECS-2100 Datasheet
170Kb / 1P
8 PIN DIP CLOCK OSCILLATOR
ECS-2200 ECS-ECS-2200 Datasheet
189Kb / 1P
8 PIN DIP CLOCK OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com