Electronic Components Datasheet Search
  English  ▼

X  

MQSC Datasheet(PDF) 1 Page - MMD Components

Part # MQSC
Description  MQSC & MQST Series Ceramic SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MQSC Datasheet(HTML) 1 Page - MMD Components

  MQSC_12 Datasheet HTML 1Page - MMD Components MQSC_12 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
05/31/11 B
Subject to change without notice
Pg 1of 2
Revision:
M
MQ
QS
SC
C &
& M
MQ
QS
ST
T S
Se
erriie
ess C
Ce
erra
am
miicc S
SM
MD
D O
Osscciilllla
atto
orr
 Same day Shipping Available
 2.5 X 3.2mm SMD Package
 RoHS Compliant
 Tape & Reel package Available
Marking Detail
Mechanical & Environmental Detail
Shock
MIL-STD-883, Method 2002 Cond B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-202, Method 215
Vibration
MIL-STD-883, Method 2007, Cond A
Gross Leak Test
MIL-STD-883, Method 1014, Cond C
Fine Leak Test
MIL-STD-883, Method 1014, Cond A2
MSL
Level 1 per IPC/JEDEC J-STD 20
Frequency Range
1.000MHZ to 125.000MHZ
Frequency Stability (Inclusive of Temperature, Load
and Voltage)
See Part Number Guide
Aging @ 25°C
±5 ppm per year max
Operating Temperature Range
See Part Number Guide
Storage Temperature Range
-55°C to +125°C
Output Waveform
TTL
CMOS
Supply Voltage (Vdd)
+3.3 VDC
±10%
+5.0 VDC
±10%
+3.3 VDC
±10%
+5.0 VDC
±10%
Supply Current (unloaded)
25mA
45mA
25mA
45mA
Load
5TTL max
15pF max
Logic “0”
0.4V max
0.1 of Vdd max
Logic “1”
2.4V min
0.9 of Vdd min
Rise/Fall Time
4nSec max (0.4V to 2.4V)
4nSec max (20% Vdd to 80 Vdd)
Start Up Time
10mSec max
Duty Cycle
40%/60% (TTL @ 1.4V Level / CMOS @ 50% Waveform)
First Line = MXX.X (not to exceed 5 characters)
M
= MMD
XX.X
=
Device Frequency
(four digits including decimal
point)
Second Line = SYWW (not to exceed 5 charac-
ters)
S
= Internal Code
YYWW
= Date Code (Year/Week)
Y
= RoHS Compliant


Similar Part No. - MQSC_12

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
MQS-0209 MARKIMICROWAVE-MQS-0209 Datasheet
741Kb / 14P
MMIC 2-9GHz 90째 Splitter / Combiner
MQS-0209CH MARKIMICROWAVE-MQS-0209CH Datasheet
741Kb / 14P
MMIC 2-9GHz 90째 Splitter / Combiner
MQS-0209UB MARKIMICROWAVE-MQS-0209UB Datasheet
741Kb / 14P
MMIC 2-9GHz 90째 Splitter / Combiner
MQS-0218 MARKIMICROWAVE-MQS-0218 Datasheet
768Kb / 14P
MMIC 2-18GHz 90째 Splitter / Combiner
MQS-0218CH MARKIMICROWAVE-MQS-0218CH Datasheet
768Kb / 14P
MMIC 2-18GHz 90째 Splitter / Combiner
More results

Similar Description - MQSC_12

ManufacturerPart #DatasheetDescription
logo
MMD Components
MIH MMD-MIH_13 Datasheet
126Kb / 2P
MIH Series 5X7 Ceramic SMD Oscillator
MIHK MMD-MIHK_12 Datasheet
102Kb / 2P
MIHK Series 5X7 Ceramic SMD Oscillator
MJHK MMD-MJHK_12 Datasheet
113Kb / 2P
MJHK Series 3.2X5 Ceramic SMD Oscillator
MQQI MMD-MQQI_12 Datasheet
245Kb / 5P
MQQI Series 5X7 Ceramic SMD Oscillator
MQTC MMD-MQTC_12 Datasheet
114Kb / 2P
MQTC & MQTT Series Ceramic SMD Oscillator
MUL MMD-MUL_12 Datasheet
154Kb / 2P
MUL Series 5X3.2 Ceramic SMD Oscillator
MUV MMD-MUV_12 Datasheet
153Kb / 2P
MUV Series 5X3.2 Ceramic SMD Oscillator
MJHK2 MMD-MJHK2 Datasheet
117Kb / 2P
Ceramic SMD Oscillator
MTH1 MMD-MTH1 Datasheet
107Kb / 2P
Ceramic SMD Oscillator
MUL3 MMD-MUL3 Datasheet
159Kb / 2P
Ceramic SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com