Electronic Components Datasheet Search
  English  ▼

X  

MSH Datasheet(PDF) 1 Page - MMD Components

Part # MSH
Description  MSH Series 3.2 x 2.5 Ceramic SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MSH Datasheet(HTML) 1 Page - MMD Components

  MSH Datasheet HTML 1Page - MMD Components MSH Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
091013 K
Subject to change without notice
Pg 1 of 2
Revision:
M
MS
SH
H S
Se
erriie
ess 3
3..2
2 x
x 2
2..5
5 C
Ce
erra
am
miicc S
SM
MD
D O
Osscciilllla
atto
orr
 Low Profile Ceramic SMD Package
 Hermetically Sealed
 Tristate Function/Standby Option
 Wide Frequency Range
Marking Detail
Mechanical & Environmental Detail
Humidity
85% RH, 85°C, 48 Hours
Hermetic Seal
Leak Rate 5 X 10-8 ATM cc/s He
Solderability
MIL-STD-202G, Method 208
Reflow Solderability
260°C for 10 seconds
Vibration
MIL-STD-202G, Method 204 35G, 50 to 2000 Hz
Shock
MIL-STD-202G, Method 203 Test Cond E, 1000G’s, ½
Sinewave
MIL-STD-883
Available with Level B Screening
Frequency Range
1.544MHZ to 70.000MHZ
1.544MHZ to 110.000MHZ
Temperature Stability*
(See Part Number Guide for Options)
Aging (+25°C ±3°C)
±5ppm First Year
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature Range
-55°C to +125°C
Supply Voltage (±10%)
+1.80VDC
+2.50VDC
+3.30VDC
Supply Current
1.544MHZ to 9.999MHZ
10mA max
12mA max
14mA max
10.000MHZ to 35.999MHZ
12mA max
14mA max
16mA max
36.000MHZ to 49.999MHZ
15mA max
20mA max
25mA max
50.000MHZ to 110.000MHZ
25mA max
30mA max
35mA max
Output Type
HCMOS
Symmetry (50% of waveform)
(See Part Number Guide for Options)
Rise/Fall Time (10% to 90% of Supply Voltage)
5nSEC
6nSEC
7nSEC
Load
15pF
Start-up Time
2mSec max
* Inclusive of Temperature., Load and Voltage.
Standby Current (With Stand-by Option)
100µA
Tristate
VOH = 70% of Vdd min or No Connection to Enable Output
VOL = 30% of Vdd max or grounded to Disable Output (High Impendence)
Logic “0”
10% Vdd max
Logic “1”
90% Vdd min
First Line = MXX.XX (not to exceed 5 characters)
M
= MMD
XX.XX
=
Device Frequency
(four digits including decimal point)
Second Line = SYWWL (not to exceed 5 characters)
S
= Internal Code
YWW
= Date Code (Year/Week)
L
= RoHS Compliant


Similar Part No. - MSH

ManufacturerPart #DatasheetDescription
logo
MMD Components
MSH MMD-MSH Datasheet
57Kb / 1P
3.2 X 2.5 Ceramic SMD Oscillator
logo
Volgen Kaga Electronics...
MSH-0505D VOLGEN-MSH-0505D Datasheet
243Kb / 3P
2 WATT DC//DC CONVERTER, SIIP PACKAGE
MSH-0509D VOLGEN-MSH-0509D Datasheet
243Kb / 3P
2 WATT DC//DC CONVERTER, SIIP PACKAGE
MSH-0512D VOLGEN-MSH-0512D Datasheet
243Kb / 3P
2 WATT DC//DC CONVERTER, SIIP PACKAGE
MSH-0515D VOLGEN-MSH-0515D Datasheet
243Kb / 3P
2 WATT DC//DC CONVERTER, SIIP PACKAGE
More results

Similar Description - MSH

ManufacturerPart #DatasheetDescription
logo
MMD Components
MSH MMD-MSH Datasheet
57Kb / 1P
3.2 X 2.5 Ceramic SMD Oscillator
logo
ILSI America LLC
ISM87 ILSI-ISM87 Datasheet
129Kb / 2P
2.5 mm x 3.2 mm Ceramic Package SMD Oscillator
ISM671 ILSI-ISM671 Datasheet
124Kb / 3P
3.2 mm x 2.5 mm Ceramic Package SMD Oscillator
logo
TAITIEN ELECTRONICS CO....
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
logo
Transko Electronics, In...
TG32 TRANSKO-TG32 Datasheet
405Kb / 2P
MINIATURE CERAMIC SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev 5: 11-17-2021
TEI32 TRANSKO-TEI32 Datasheet
422Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
THC32 TRANSKO-THC32 Datasheet
300Kb / 1P
CERAMIC HCSL MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev. 1: Jan. 2020
TIP32 TRANSKO-TIP32 Datasheet
458Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev. 3: Aug. 2015
TISM3 TRANSKO-TISM3 Datasheet
314Kb / 1P
CERAMIC LVDS MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev 3: 02-02-22
TPSM3 TRANSKO-TPSM3 Datasheet
107Kb / 1P
CERAMIC PECL MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev. 0: Apr. 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com