Electronic Components Datasheet Search
  English  ▼

X  

MTBH Datasheet(PDF) 1 Page - MMD Components

Part # MTBH
Description  MTBH, MTBS, and MTBZ Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTBH Datasheet(HTML) 1 Page - MMD Components

  MTBH Datasheet HTML 1Page - MMD Components MTBH Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice
Revision MTBH121807H
MTBH, MTBS, and MTBZ Series
Industry Standard Package
+3.30VDC or +5.00VDC
RoHS Compliant Available
Up to 800.000MHZ
ELECTRICAL SPECIFICATIONS:
Output
HCMOS
Clipped Sinewave
Sinewave
Fund or 3rd OT
1.000KHZ to 180.000MHZ
1.000KHZ to 180.000MHZ
1.000KHZ to 180.000MHZ
Frequency
Range
PLL
75.000KHZ to 200.000MHZ
75.000KHZ to 800.000MHZ
75.000KHZ to 800.000MHZ
Load
10k Ohms // 15pF
10k Ohms // 15pF
50 Ohms
Supply Current
35mA max
3mA max
35mA max
Output Level
Logic “1” = 90% of Vdd min
Logic “0” = 10% of Vdd max
1.0V p-p min
0 dBm min
Symmetry
40%/60% at 50% of
Waveform
N/A
N/A
Freq. Stability vs Temp (Note 1)
(See Frequency Stability vs Temperature Table)
Freq. Stability vs Aging
±1 ppm per year max
Freq. Stability vs Voltage
±0.3 ppm with a 5% change in Vdd
Freq. Stability vs Load
±0.3 ppm with a 10% change in Load
Storage Temperature
-40°C to +85°C
Supply Voltage (Vdd)
+3.3VDC ±5%
+5.0VDC ±5%
Control Voltage with VC option
+1.65VDC ±1.50VDC Positive Slope
+2.50VDC ±2.00VDC Positive Slope
Pin 1 Connection
No Connection
No Connection
VC Option
±10 ppm min
Mechanical Trimmer when
Specified
±3 ppm min
If no mechanical trimmer is specified, trimmer may still be present depending on frequency
stability option.
Note 1: If no mechanical trimmer, oscillator frequency shall be ±1 ppm at +25°C ±3°C at time of shipment.
PART NUMBER GUIDE:
MT
FREQUENCY
Blank = Not Compliant
F = is Compliant
RoHS Compliant
14 PIN DIP TCXO
Pin 1 Connection
Blank = N/C
V = Voltage Control
Blank = No Added Options
G = Gull-wing
Value Added Options
10 = ±1.0 ppm
15 = ±1.5 ppm
20 = ±2.0 ppm
25 = ±2.5 ppm
30 = ±3.0 ppm
50 = ±5.0 ppm
Frequency
Stability
Operating
Temperature
A = 0°C to +50°C
C = -20°C to +70°C
D = -30°C to +70°C
E = -30°C to +80°C
F = -40°C to +85°C
G = 0°C to +70°C
Please Consult with MMD Sales Department for any other Parameters or Options.
Series Options
5 = +5.0VDC
3 = +3.3VDC
Supply Voltage
H = HCMOS
S = Clipped Sinewave
Z = Sinewave
Output
Blank = No Trimmer
M = Mechanical Trimmer
Trimmer Option
B = B Series (5.0 mm ht)
B
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - MTBH

ManufacturerPart #DatasheetDescription
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
Industry Standard Package
logo
Cystech Electonics Corp...
MTBH0N25J3 CYSTEKEC-MTBH0N25J3 Datasheet
433Kb / 9P
N-Channel Enhancement Mode Power MOSFET
MTBH0N25J3-0-T3-G CYSTEKEC-MTBH0N25J3-0-T3-G Datasheet
433Kb / 9P
N-Channel Enhancement Mode Power MOSFET
MTBH0N25L3 CYSTEKEC-MTBH0N25L3 Datasheet
445Kb / 9P
N-Channel Enhancement Mode MOSFET
MTBH0N25L3-0-T3-G CYSTEKEC-MTBH0N25L3-0-T3-G Datasheet
445Kb / 9P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - MTBH

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2298438 PHOENIX-2298438 Datasheet
66Kb / 4P
The DeltaV system can be used to install the process wiring via "mass termination blocks" (MTBs) using flat-ribbon cable plugs
2304296 PHOENIX-2304296 Datasheet
48Kb / 3P
The DeltaV system can be used to install the process wiring via "mass termination blocks" (MTBs) using flat-ribbon cable plugs
2304322 PHOENIX-2304322 Datasheet
48Kb / 3P
The DeltaV system can be used to install the process wiring via "mass termination blocks" (MTBs) using flat-ribbon cable plugs
2304335 PHOENIX-2304335 Datasheet
47Kb / 3P
The DeltaV system can be used to install the process wiring via "mass termination blocks" (MTBs) using flat-ribbon cable plugs
2304351 PHOENIX-2304351 Datasheet
48Kb / 3P
The DeltaV system can be used to install the process wiring via "mass termination blocks" (MTBs) using flat-ribbon cable plugs
2304403 PHOENIX-2304403 Datasheet
48Kb / 3P
The DeltaV system can be used to install the process wiring via "mass termination blocks" (MTBs) using flat-ribbon cable plugs
2304898 PHOENIX-2304898 Datasheet
47Kb / 3P
The DeltaV system can be used to install the process wiring via "mass termination blocks" (MTBs) using flat-ribbon cable plugs
2304937 PHOENIX-2304937 Datasheet
47Kb / 3P
The DeltaV system can be used to install the process wiring via "mass termination blocks" (MTBs) using flat-ribbon cable plugs
2304940 PHOENIX-2304940 Datasheet
47Kb / 3P
The DeltaV system can be used to install the process wiring via "mass termination blocks" (MTBs) using flat-ribbon cable plugs
2304953 PHOENIX-2304953 Datasheet
47Kb / 3P
The DeltaV system can be used to install the process wiring via "mass termination blocks" (MTBs) using flat-ribbon cable plugs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com