Electronic Components Datasheet Search
  English  ▼

X  

MTDS Datasheet(PDF) 1 Page - MMD Components

Part # MTDS
Description  MTDS Series ??5 X 7 Ceramic SMD TCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTDS Datasheet(HTML) 1 Page - MMD Components

  MTDS Datasheet HTML 1Page - MMD Components MTDS Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
07/29/11 H
Revisions only with customer approval
Pg 1 of 2
M
MT
TD
DS
S S
Se
erriie
ess –
– 5
5 X
X 7
7 C
Ce
erra
am
miicc S
SM
MD
D T
TC
CX
XO
O
 Low Profile SMD TCXO
 Clipped Sinewave Output
 RoHS Compliant
 Low Power Consumption
Environmental & Mechanical Detail
Marking Detail
Line 1 = MXXXXX
M
=
MMD
XXXXX
=
Frequency in MHZ
Line 2 = SYYWWL
S
=
Internal Code
YYWW
=
4 Digit Date Code
(Year / Week)
L
=
Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Black dot to denote Pin 1
Frequency Range
10.000MHZ to 27.000MHZ
Frequency Stability vs Temperature *
(See Frequency Stability vs Temperature Table)
Operating Temperature Range
(See Frequency Stability vs Temperature Table)
Storage Temperature Range
-40°C to +85°C
Output Type
Clipped Sinewave
Supply Voltage
+3.30 VDC ±5%
+5.00 VDC ±5%
Supply Current
2.0mA max
2.0mA max
Control Voltage
+1.65 VDC ±1.50 VDC
Positive Slope
+2.50 VDC ±2.00 VDC
Positive Slope
Output Level
0.8 Vp-p min
1.0 Vp-p min
Output Load
10 kΩ // 10pF
10 kΩ // 10pF
Pin 1
No Connection (Option)
No Connection
Vc Option Frequency Pull Range
±10 ppm min
Vc Linearity
*Inclusive of Temperature., Load, Voltage and Aging
10% max
Shock
MIL-STD-883, Method 2002, Condition B
Solderability
MIL-STD-883, Method 2003
Vibration
MIL-STD-883, Method 2007, Condition A


Similar Part No. - MTDS

ManufacturerPart #DatasheetDescription
logo
MMD Components
MTDS MMD-MTDS Datasheet
142Kb / 2P
5 x 7 Ceramic SMD TCXO
MTDS315A MMD-MTDS315A Datasheet
142Kb / 2P
5 x 7 Ceramic SMD TCXO
MTDS315AV MMD-MTDS315AV Datasheet
142Kb / 2P
5 x 7 Ceramic SMD TCXO
MTDS315B MMD-MTDS315B Datasheet
142Kb / 2P
5 x 7 Ceramic SMD TCXO
MTDS315BV MMD-MTDS315BV Datasheet
142Kb / 2P
5 x 7 Ceramic SMD TCXO
More results

Similar Description - MTDS

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
430-2.0M-5DC-T OSCILENT-430-2.0M-5DC-T Datasheet
151Kb / 3P
7 x 5 SMD Ceramic HCMOS / TTL Output
431-12.0M-5DC-TNC OSCILENT-431-12.0M-5DC-TNC Datasheet
133Kb / 2P
7 x 5 SMD Ceramic Low Jitter 5pS
433-24.0M-5DC-TNC OSCILENT-433-24.0M-5DC-TNC Datasheet
134Kb / 2P
7 x 5 SMD Ceramic Ultra Low Jitter 1pS
logo
MMD Components
MTDS MMD-MTDS Datasheet
142Kb / 2P
5 x 7 Ceramic SMD TCXO
MIHK MMD-MIHK Datasheet
72Kb / 1P
5 x 7 Ceramic SMD Oscillator
MIH MMD-MIH Datasheet
76Kb / 1P
5 x 7 Ceramic SMD Oscillator
logo
ILSI America LLC
I531-7Q3-20.000 ILSI-I531-7Q3-20.000 Datasheet
45Kb / 1P
Surface Mount Oscillator, TCXO, TCVCXO Ceramic Package, 5 mm x 7 mm
I533 ILSI-I533 Datasheet
46Kb / 2P
3.2 mm x 5 mm Ceramic Package SMD TCXO
logo
EUROQUARTZ limited
GDA576 EUROQUARTZ-GDA576 Datasheet
117Kb / 1P
7 x 5 x 1.8mm SMD
logo
MMD Components
MIMH3 MMD-MIMH3 Datasheet
53Kb / 1P
5 x 7 Ceramic SMD 4 Pads Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com