Electronic Components Datasheet Search
  English  ▼

X  

MTFH Datasheet(PDF) 1 Page - MMD Components

Part # MTFH
Description  MTFH, MTFS, and MTFZ Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTFH Datasheet(HTML) 1 Page - MMD Components

  MTFH Datasheet HTML 1Page - MMD Components MTFH Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice
Revision MTFH011310G
MTFH, MTFS, and MTFZ Series
Standard 14 Dip/4 Package
RoHS Compliant Available
Stability Available to ±1 ppm
Operating Voltage +3.3VDC or +5.0VDC
Wide Frequency Range
ELECTRICAL SPECIFICATIONS:
Output
HCMOS
Clipped Sinewave
Sinewave
Frequency Range
1.000MHZ to 160.000MHZ
8.000MHZ to 160.000MHZ
8.000MHZ to 160.000MHZ
Load
10k Ohms // 15pF
10k Ohms // 15pF
50 Ohms
Supply Current
50mA max
5mA max
45mA max
Output Level
Logic “1” = 90% of Vdd min
Logic “0” = 10% of Vdd max
1.0V p-p min
7 dBm
Symmetry
40%/60% at 50% of
Waveform
N/A
N/A
Freq. Stability vs Temp (Note 1)
(See Frequency Stability vs Temperature Table)
Freq. Stability vs Aging
±1 ppm per year max
Freq. Stability vs Voltage
±0.3 ppm with a 5% change in Vdd
Freq. Stability vs Load
±0.3 ppm with a 10% change in Load
Operating Range
(See Frequency Stability vs Temperature Table)
Storage Temperature
-40°C to +85°C
Supply Voltage (Vdd)
+3.3VDC ±5%
+5.0VDC ±5%
Control Voltage with VC option
+1.65VDC ±1.50VDC Positive Slope
+2.50VDC ±2.00VDC Positive Slope
Pin 1 Connection
No Connection
No Connection
VC Option
±10 ppm min
Note 1: Oscillator frequency shall be ±1 ppm at +25°C ±3°C at time of shipment.
PART NUMBER GUIDE:
Frequency
MT
Please Consult with MMD Sales Department for any other Parameters or Options
Supply Voltage
5 = +5 VDC
3 = +3.3 VDC
Frequency
Stability
10 = ±1.0 ppm
15 = ±1.5 ppm
20 = ±2.0 ppm
25 = ±2.5 ppm
30 = ±3.0 ppm
50 = ±5.0 ppm
Output
H = HCMOS
S = Clipped Sinewave
Z = Sinewave
Operating
Temperature
A = 0°C to +50°C
C = -20°C to +70°C
D = -30°C to +70°C
E = -30°C to +80°C
F = -40°C to +85°C
G = 0°C to +70°C
Pin 1 Connection
Blank = No Connect
V = Voltage Control
Series Option
RoHS Compliant
Blank = Not Compliant
F = is Compliant
Value Added Options
G = Gull-Wing
CLXXX = Cut Leads
XXX = lead length code
14 pin DIP
F = F Series (w/o Trimmer)
F
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - MTFH

ManufacturerPart #DatasheetDescription
logo
MMD Components
MTFH MMD-MTFH Datasheet
151Kb / 3P
Standard 14 Dip/4 Package
MTFH310A MMD-MTFH310A Datasheet
151Kb / 3P
Standard 14 Dip/4 Package
MTFH310AV MMD-MTFH310AV Datasheet
151Kb / 3P
Standard 14 Dip/4 Package
MTFH310C MMD-MTFH310C Datasheet
151Kb / 3P
Standard 14 Dip/4 Package
MTFH310CV MMD-MTFH310CV Datasheet
151Kb / 3P
Standard 14 Dip/4 Package
More results

Similar Description - MTFH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCY74 ETC2-UCY74 Datasheet
1Mb / 29P
UCY74 and UCA64 Series
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Amphenol Corporation
4400 AMPHENOL-4400 Datasheet
1Mb / 10P
Amphenol 67 and 165 Series Amphenol 67 and 165 Series
logo
STMicroelectronics
BTW69-1000RG STMICROELECTRONICS-BTW69-1000RG Datasheet
88Kb / 6P
BTW67 and BTW69 Series
13-Feb-2006
logo
Intel Corporation
BD82QM67-SLJ4M INTEL-BD82QM67-SLJ4M Datasheet
6Mb / 934P
Intel짰 6 Series Chipset and Intel짰 6 Series Chipset and
logo
List of Unclassifed Man...
647H ETC2-647H Datasheet
324Kb / 8P
600H and 600NH series
logo
Panasonic Battery Group
EEF-LX PANASONICBATTERY-EEF-LX Datasheet
792Kb / 1P
EEF-GX and LX Series
logo
Xilinx, Inc
XC1700E XILINX-XC1700E Datasheet
123Kb / 12P
XC1700E and XC1700L Series
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
logo
EDAC, All Rights Reserv...
COVERS-SERIES EDAC-COVERS-SERIES Datasheet
255Kb / 1P
Covers Series Rack and Panel Connector Covers | For 516 and 519 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com