Electronic Components Datasheet Search
  English  ▼

X  

MTKH Datasheet(PDF) 2 Page - MMD Components

Part # MTKH
Description  MTKH, MTKL, & MTKV SERIES TCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTKH Datasheet(HTML) 2 Page - MMD Components

  MTKH Datasheet HTML 1Page - MMD Components MTKH Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
04/25/11 D
Revisions only with customer approval
Pg 2 of 2
Part Number Guide
Mechanical Details
Tape & Reel Dimensions
Frequency Stability vs Temperature Table
NOTES: UNLESS OTHERWISE SPECIFIED
1. Applicable Standards / Specifications
ANSI Y14.5M, Dimensions and Tolerances
EIA-481-B, 8 mm through 200mm Embossed Carrier Taping and 8 mm and 12 mm
Punched Carrier Taping of Surface Mount Components for Automatic Handling.
2. Dimensions are in millimeters [inch].
3. Tolerances are ±0.1 [.004] mm unless otherwise specified.
4. Do not scale drawing.
NOTES: UNLESS OTHERWISE SPECIFIED
1. Applicable Standards / Specifications
ANSI Y14.5M, Dimensions and Tolerances
EIA-481-B, 8 mm through 200mm Embossed Carrier Taping and 8 mm and 12 mm
Punched Carrier Taping of Surface Mount Components for Automatic Handling.
2. Dimensions are in millimeters [inch].
3. Tolerances are ±0.1 [.004] mm unless otherwise specified.
4. Do not scale drawing.
REEL DIA
DIRECTION OF FEED
Q3
Q1
Q4
Q2
Q3
Q1
Q4
Q2
PITCH
Tape Width
REEL DIA
330 [13.0]
Q1
PIN 1 ORIENT.
24.00 [.945]
12.00 [.471]
TAPE WIDTH
PITCH
Code
Stability
15
20
25
30
50
Temp
±1.5ppm
±2.0ppm
±2.5ppm
±3.0ppm
±5.0ppm
A
0°C TO +50°C
●
●
●
●
●
G
0°C TO +70°C
●
●
●
●
C
-20°C TO +70°C
●
●
●
●
D
-30°C TO +70°C
●
●
●
●
E
-30°C TO +80°C
●
●
●
●
F
-40°C TO +85°C
●
●
●
● = Available
Blank = Consult MMD
10
±1.0ppm
●
Frequency
MTK
Please Consult with MMD Sales Department for any other Parameters or Options
Frequency Adjust
Options
Blank = No Connect
B = Both V/C & Mech
V = Voltage Control
M = Mechanical Trimmer
Supply Voltage
2 = +2.5 VDC
3 = +3.3 VDC
Frequency
Stability
15 = ±1.5 ppm
20 = ±2.0 ppm
25 = ±2.5 ppm
30 = ±3.0 ppm
50 = ±5.0 ppm
10 = ±1.0 ppm
Operating
Temperature
A = 0°C to + 50°C
C = -20°C to +70°C
D = -30°C to +70°C
E = -30°C to +80°C
F = -40°C to +85°C
G = 0°C to +70°C
RoHS Compliant
Blank = Not Compliant
F = is Compliant
Output
H =HCMOS
L = LVPECL
V = LVDS
Symmetry
Blank = 40%/60%
A = 45%/55%
9.20 [.362] MAX
14.80 [.582]
MAX
5.50 [.216] MAX
5.80 [.228]
±0.3
1.40 [.055]
±0.3
1.20 [.047]
1
2
3
5
6
4
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 6
No Connection or Voltage Control
Enable / Disable
Case Ground
Output
No Connection
Suppy Voltage (Vdd)
Pin Connections
DIMENSION IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
UNIT IS NOT HERMETICALLY SEALED
SUGGESTED
LAND PATTERN
Optional Trimmer
1.50 [.059]
2.50 [.098]
5.80 [.228]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com