Electronic Components Datasheet Search
  English  ▼

X  

MUL Datasheet(PDF) 1 Page - MMD Components

Part # MUL
Description  MUL Series 5X3.2 Ceramic SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MUL Datasheet(HTML) 1 Page - MMD Components

  MUL Datasheet HTML 1Page - MMD Components MUL Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
08/17/11 B
Subject to change without notice
Pg 1 of 2
Revision:
M
MU
ULL S
Se
erriie
ess 5
5X
X3
3..2
2 C
Ce
erra
am
miicc S
SM
MD
D O
Osscciilllla
atto
orr
 5 x 3.2 SMD Package 6 Pin
 LVPECL Output
 Tristate Option
 Tape & Reel Packaging Available
Marking Detail
Mechanical & Environmental Detail
Shock
MIL-STD-883, Method 2002 Cond B
Solderability
MIL-STD-883, Method 2003
Vibration
MIL-STD-883, Method 2007, Cond A
Gross Leak Test
MIL-STD-883, Method 1014, Cond C
Fine Leak Test
MIL-STD-883, Method 1014, Cond A2
Reflow Solder
+260°C for 10 sec max
Line 1 = MXXXXX
M
=
MMD
XXXXX
=
Frequency in MHZ
Line 2 = SYYWWL
S
=
Internal Code
YYWW
=
4 Digit Date Code (Year /
Week)
L
=
Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Black dot to denote Pin 1
Frequency Range
74.250MHZ to 161.1328MHZ
Temperature Stability (Inclusive of
Temperature, Load, Voltage, and Aging)
(See Part Number Guide for Options)
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature Range
-55°C to +125°C
Supply Voltage (VDD) ±5%
Supply Current
75mA max
Output
LVPECL
Logic “0”
1.43 VDC typ, 1.60 VDC max
Logic “1”
1.10 VDC typ, 0.90 VDC min
Load
50Ω into Vdd-2.0VDC
Symmetry (50% of waveform)
(See Part Number Guide for Options)
Rise/Fall Time (20% to 80%)
300p Sec typ, 700pSec max
RMS Phase Jitter (12kHZ to 20MHZ)
1pSec max
Phase Noise
100 Hz = -95 dBc/Hz
1 kHz = -125 dBc/Hz
10 kHz = -143 dBc/Hz
100 kHz = -146 dBc/Hz
Start-up Time
10mSec max
Tri-state Operation
Voh = 70% of Vdd min or No Connection to Enable Output
Vol = 30% max or grounded to Disable Output (High Impedance)
(See Part Number Guide for Options)


Similar Part No. - MUL

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MUL MERITEK-MUL Datasheet
304Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
logo
ABB
MUL1-R1 ABB-MUL1-R1 Datasheet
901Kb / 28P
ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
16.5.2016
MUL1-R3 ABB-MUL1-R3 Datasheet
901Kb / 28P
ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
16.5.2016
MUL1-R4 ABB-MUL1-R4 Datasheet
901Kb / 28P
ABB general purpose drives ACS310 0.37 to 22 kW/0.5 to 30 hp Catalog
16.5.2016
logo
MERITEK ELECTRONICS COR...
MUL160V153M22X25 MERITEK-MUL160V153M22X25 Datasheet
304Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
More results

Similar Description - MUL

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEN05 TEMEX-QEN05 Datasheet
569Kb / 5P
SMD 5x3.2 XO
logo
Vectron International, ...
C1209 VECTRON-C1209 Datasheet
71Kb / 4P
Telecommunication 5x3.2 ceramic oscillator Universal Clock Enable Function
logo
TAI-SAW TECHNOLOGY CO.,...
TX0104A TAI-SAW-TX0104A Datasheet
196Kb / 5P
SMD 5x3.2 13MHz VCTCXO
TX0156A TAI-SAW-TX0156A Datasheet
206Kb / 5P
SMD 5x3.2 16.367667MHz TCXO
TX0173A TAI-SAW-TX0173A Datasheet
230Kb / 5P
SMD 5x3.2 12MHz TCXO
TX0174A TAI-SAW-TX0174A Datasheet
212Kb / 6P
SMD 5x3.2 18.414MHz TCXO
TX0196A TAI-SAW-TX0196A Datasheet
219Kb / 6P
SMD 5x3.2 20.000MHz TCXO
TX0218A TAI-SAW-TX0218A Datasheet
219Kb / 6P
SMD 5x3.2 12.8MHz TCXO
logo
MMD Components
MUV MMD-MUV_12 Datasheet
153Kb / 2P
MUV Series 5X3.2 Ceramic SMD Oscillator
logo
Advanced XTAL Products
AXE5032WT AXTAL-AXE5032WT Datasheet
156Kb / 2P
Crystal Oscillator in 5x3.2 mm package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com