Electronic Components Datasheet Search
  English  ▼

X  

MVAH Datasheet(PDF) 2 Page - MMD Components

Part # MVAH
Description  MVAH Series VCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MVAH Datasheet(HTML) 2 Page - MMD Components

  MVAH Datasheet HTML 1Page - MMD Components MVAH Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
02/20/12 G
Revisions only with customer approval
Pg 2 of 2
Part Number Guide
Mechanical Details
20.70 [.815]
MAX
13.10 [.516]
MAX
15.24 [.600]
7.62 [.300]
PIN 7
PIN 8
PIN 14
GROUND
OUTPUT
SUPPLY VOLTAGE
PIN CONNECTIONS
1
14
8
7
5.08 [.200]
.46 [.018]
PIN 1 VOLTAGE CONTROL
DIMENSIONS IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
Black Dot to Denote Pin 1
5.08 [.200]
MAX
MXXX.XXX
SYYWWL
XXXXX
Output
H = HCMOS
Frequency
Stability
010 = ±10 ppm
025 = ±25 ppm
050 = ±50 ppm
100 = ±100 ppm
Supply Voltage
2 = +2.5 VDC
3 = +3.3 VDC
5 = +5.0 VDC
Operating
Temperature
Blank = 0°C to +70°C
27 = -20°C to +70°C
48 = -40°C to +85°C
Pullability
D = ±50 ppm min
P = ±80 ppm min
C = ±100 ppm min
Linearity
Blank = ±20% max
X = ±5% max
Z = ±15% max
Y = ±10% max
MVA
Frequency
H
14 Pin DIP VCXO
Please Consult with MMD Sales Deparment for any other Parameters or Options
*Not available with 2.5VDC 3.3VDC or option
RoHS Compliant
Blank = Not Compliant
F = Compliant
Symmetry
Blank = 40%/60%
A = 45%/55%
A = ±200 ppm min*



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com