Electronic Components Datasheet Search
  English  ▼

X  

MVIH Datasheet(PDF) 1 Page - MMD Components

Part # MVIH
Description  MVIH Series VCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MVIH Datasheet(HTML) 1 Page - MMD Components

  MVIH Datasheet HTML 1Page - MMD Components MVIH Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD MONITOR/QUARTZEK – An ILSI Company,
5458 Louie Lane, Reno, NV 89511
Phone: (775) 851-8880, www.mmdcomp.com 
Revision:
07/31/13 P
Revisions only with customer approval
Pg 1 of 2
M
MV
VIIH
H S
Se
erriie
ess V
VC
CX
XO
O
Marking Detail
Line 1 = MXXXXX
M
=
MMD
XXXXX
=
Frequency in MHZ
Line 2 = SYYWWL
S
=
Internal Code
YYWW
=
4 Numerical Digit Date Code
(Year / Week) Jan 27 2011=1105
L
=
Denotes RoHS Compliant
Line 3 = XXXXX
Internal use only
May vary with lots
Black dot to denote Pin 1
Environmental & Mechanical Detail
 Hermetically Sealed Ceramic SMD Package
 +2.5VDC, +3.3VDC, or +5.0VDC Supply
Voltage
 Tape and Reel Available
 RoHS Compliant
Supply Voltage (Vdd)
+2.5VDC ±10%
+3.3DC ±10%
+5.0VDC ±10%
Frequency Range
1.544MHZ TO 180.000MHZ
1.544MHZ TO
50.000MHZ
Frequency Stability at +25°C
±10 ppm
Frequency Stability (Inclusive of Temp.,
Load, Voltage and Aging)
(See Part Number Guide for Options)
Operating Temp.Range
(See Part Number Guide for Options)
Storage Temp. Range
-40°C to +85°C
Supply Current
60mA max
60mA max
85mA max
Load
15pF
30pF
30pF
Output
HCMOS
Logic “0”
10% Vdd max
Logic “1”
90% Vdd min
Symmetry (50% of waveform)
40%/60%
Rise / Fall Time (10% to 90%)
10nSec max
Start Time
10mSec max
Control Voltage
1.25 VDC ±1.00 VDC
1.65 VDC ±1.50 VDC
2.50 VDC ±2.00 VDC
Linearity
(See Part Number Guide for Options)
Pullability
(See Part Number Guide for Options)
Logic “0” or Ground Osc Disabled High Impedance on Pin 4
Logic “1” (or no connect) Output Enabled
Tristate
Shock
MIL-STD-883, Meth 2002, Cond B
Solderability
MIL-STD-883, Meth 2003
Vibration
MIL-STD-883, Meth 2007, Cond A
Reflow Solderability
260°C for 10 seconds
Gross Leak Test
MIL-STD-883, Meth 1014, Cond C
Fine Leak Test
MIL-STD-883, Meth 1014, Cond A


Similar Part No. - MVIH

ManufacturerPart #DatasheetDescription
logo
MMD Components
MVIH MMD-MVIH Datasheet
82Kb / 1P
5mm x 7mm HCMOS VCXO
MVIH2 MMD-MVIH2 Datasheet
112Kb / 2P
Hermetically Sealed Ceramic SMD Package
MVIH201027D MMD-MVIH201027D Datasheet
82Kb / 1P
5mm x 7mm HCMOS VCXO
MVIH201027DH MMD-MVIH201027DH Datasheet
82Kb / 1P
5mm x 7mm HCMOS VCXO
MVIH201027DHT MMD-MVIH201027DHT Datasheet
82Kb / 1P
5mm x 7mm HCMOS VCXO
More results

Similar Description - MVIH

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
VCXO-105N KSS-VCXO-105N Datasheet
149Kb / 1P
VCXO
VCXO-252J KSS-VCXO-252J Datasheet
145Kb / 1P
VCXO
logo
List of Unclassifed Man...
C5379 ETC-C5379 Datasheet
35Kb / 3P
VCXO
logo
Nel Frequency Controls,...
SH-A3200 NEL-SH-A3200 Datasheet
179Kb / 2P
VCXO Series (CMOS)
logo
Advanced XTAL Products
AXIS60-11 AXTAL-AXIS60-11 Datasheet
67Kb / 2P
VCXO
2005-07-15
AXIS100-03 AXTAL-AXIS100-03 Datasheet
53Kb / 2P
VCXO
2005-06-10
AXIS207 AXTAL-AXIS207 Datasheet
54Kb / 2P
VCXO
2008-05-07
logo
MMD Components
MVAH MMD-MVAH_12 Datasheet
88Kb / 2P
MVAH Series VCXO
MVLPMVLL MMD-MVLPMVLL_12 Datasheet
106Kb / 2P
VCXO
logo
Nel Frequency Controls,...
PJ-A3670 NEL-PJ-A3670 Datasheet
99Kb / 3P
VCXO Series (PECL)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com