Electronic Components Datasheet Search
  English  ▼

X  

LT1370 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1370
Description  500kHz High Efficiency 6A Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1370 Datasheet(HTML) 3 Page - Linear Technology

  LT1370 Datasheet HTML 1Page - Linear Technology LT1370 Datasheet HTML 2Page - Linear Technology LT1370 Datasheet HTML 3Page - Linear Technology LT1370 Datasheet HTML 4Page - Linear Technology LT1370 Datasheet HTML 5Page - Linear Technology LT1370 Datasheet HTML 6Page - Linear Technology LT1370 Datasheet HTML 7Page - Linear Technology LT1370 Datasheet HTML 8Page - Linear Technology LT1370 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1370
sn1370 1370fs
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Error Amplifier Clamp Voltage
High Clamp, VFB = 1V
1.5
1.8
2.30
V
Low Clamp, VFB = 1.5V
0.2
0.3
0.52
V
AV
Error Amplifier Voltage Gain
500
V/ V
VC Pin Threshold
Duty Cycle = 0%
0.9
1.1
1.35
V
f
Switching Frequency
2.7V ≤ VIN ≤ 25V
460
500
550
kHz
0°C ≤ TJ ≤ 125°C
●
440
500
580
kHz
–40°C ≤ TJ ≤ 0°C (I-Grade)
400
580
kHz
Maximum Switch Duty Cycle
●
85
95
%
Switch Current Limit Blanking Time
130
300
ns
BV
Output Switch Breakdown Voltage
LT1370
●
35
44
V
LT1370HVC, 0°C ≤ TJ ≤ 125°C
●
42
47
V
LT1370HVI, – 40°C ≤ TJ ≤ 0°C (I-Grade)
40
V
VSAT
Output Switch ON Resistance
ISW = 6A
●
0.065
0.11
Ω
ILIM
Switch Current Limit
Duty Cycle = 50%
●
68
10
A
Duty Cycle = 80% (Note 1)
7
A
∆IIN
Supply Current Increase During Switch ON Time
22
33
mA/A
∆ISW
Control Voltage to Switch Current
10
A/V
Transconductance
Minimum Input Voltage
●
2.4
2.7
V
IQ
Supply Current
2.7V ≤ VIN ≤ 25V
●
4.5
6
mA
Shutdown Supply Current
2.7V ≤ VIN ≤ 25V, VS/S ≤ 0.6V
●
12
40
µA
Shutdown Threshold
2.7V ≤ VIN ≤ 25V
●
0.6
1.3
2
V
Shutdown Delay
●
412
25
µs
S/S Input Current
0V ≤ S/S ≤ 5V
●
–7
10
µA
Synchronization Frequency Range
●
600
800
kHz
ELECTRICAL C
C
HARA TERISTICS
VIN = 5V, VC = 0.6V, VFB = VREF, VSW, S/S and NFB pins open, TA = 25°C unless otherwise noted.
The
● denotes specifications which apply over the full operating
temperature range.
Note 1: For duty cycles (DC) between 45% and 85%, minimum switch
current limit is given by ILIM = 2.65(2.7 – DC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com