Electronic Components Datasheet Search
  English  ▼

X  

93C56 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # 93C56
Description  3-Wire Serial EEPROMs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

93C56 Datasheet(HTML) 4 Page - ATMEL Corporation

  93C56 Datasheet HTML 1Page - ATMEL Corporation 93C56 Datasheet HTML 2Page - ATMEL Corporation 93C56 Datasheet HTML 3Page - ATMEL Corporation 93C56 Datasheet HTML 4Page - ATMEL Corporation 93C56 Datasheet HTML 5Page - ATMEL Corporation 93C56 Datasheet HTML 6Page - ATMEL Corporation 93C56 Datasheet HTML 7Page - ATMEL Corporation 93C56 Datasheet HTML 8Page - ATMEL Corporation 93C56 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AT93C46/56/57/66
4
Note:
1. This parameter is characterized and is not 100% tested.
AC Characteristics
Applicable over recommended operating range from T
A = -40°C to + 85°C, VCC = As Specified,
CL = 1 TTL Gate and 100 pF (unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
fSK
SK Clock Frequency
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
2.5V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
0
0
0
0
2
1
0.5
0.25
MHz
t
SKH
SK High Time
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
2.5V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
250
250
500
1000
ns
t
SKL
SK Low Time
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
2.5V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
250
250
500
1000
ns
tCS
Minimum CS
Low Time
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
2.5V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
250
250
500
1000
ns
t
CSS
CS Setup Time
Relative to SK
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
2.5V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
50
50
100
200
ns
t
DIS
DI Setup Time
Relative to SK
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
2.5V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
100
100
200
400
ns
tCSH
CS Hold Time
Relative to SK
0
ns
t
DIH
DI Hold Time
Relative to SK
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
2.5V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
100
100
200
400
ns
t
PD1
Output Delay to ‘1’
AC Test
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
2.5V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
250
250
500
1000
ns
tPD0
Output Delay to ‘0’
AC Test
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
2.5V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
250
250
500
1000
ns
t
SV
CS to Status Valid
AC Test
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
2.5V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
250
250
500
1000
ns
tDF
CS to DO in High
Impedance
AC Test
CS = V
IL
4.5V
≤ V
CC ≤ 5.5V
2.7V
≤ V
CC ≤ 5.5V
2.5V
≤ V
CC ≤ 5.5V
1.8V
≤ V
CC ≤ 5.5V
100
100
200
400
ns
tWP
Write Cycle Time
0.1
10
ms
4.5V
≤ V
CC ≤ 5.5V
1
ms
Endurance
(1)
5.0V, 25°C, Page Mode
1M
Write Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com