Electronic Components Datasheet Search
  English  ▼

X  

KXTC9-4100 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # KXTC9-4100
Description  2g Tri-axis Analog Accelerometer Specifications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KXTC9-4100 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button KXTC9-4100 Datasheet HTML 3Page - List of Unclassifed Manufacturers KXTC9-4100 Datasheet HTML 4Page - List of Unclassifed Manufacturers KXTC9-4100 Datasheet HTML 5Page - List of Unclassifed Manufacturers KXTC9-4100 Datasheet HTML 6Page - List of Unclassifed Manufacturers KXTC9-4100 Datasheet HTML 7Page - List of Unclassifed Manufacturers KXTC9-4100 Datasheet HTML 8Page - List of Unclassifed Manufacturers KXTC9-4100 Datasheet HTML 9Page - List of Unclassifed Manufacturers KXTC9-4100 Datasheet HTML 10Page - List of Unclassifed Manufacturers KXTC9-4100 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
± 2g Tri-axis Analog
Accelerometer Specifications
PART NUMBER:
KXTC9-4100
Rev. 1
Jan-2011
36 Thornwood Dr. – Ithaca, NY 14850
© 2010 Kionix – All Rights Reserved
tel: 607-257-1080 – fax:607-257-1146
367-1783-1009020951
www.kionix.com - info@kionix.com
Page 9 of 10
Static X/Y/Z Output Response versus Orientation to Earth’s surface (1-g):
Position
1
2
3
4
5
6
Diagram
Top
Bottom
Bottom
Top
X
0.9 V
1.26 V
0.9 V
0.54 V
0.9 V
0.9 V
Y
1.26 V
0.9 V
0.54 V
0.9 V
0.9 V
0.9 V
Z
0.9 V
0.9 V
0.9 V
0.9 V
1.26 V
0.54 V
X-Polarity
0
+
0
-
0
0
Y-Polarity
+
0
-
0
0
0
Z-Polarity
0
0
0
0
+
-
(1-g)
Earth’s Surface



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com