Electronic Components Datasheet Search
  English  ▼

X  

24LC08 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # 24LC08
Description  3-Wire Serial EEPROMs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

24LC08 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button 24LC08 Datasheet HTML 3Page - ATMEL Corporation 24LC08 Datasheet HTML 4Page - ATMEL Corporation 24LC08 Datasheet HTML 5Page - ATMEL Corporation 24LC08 Datasheet HTML 6Page - ATMEL Corporation 24LC08 Datasheet HTML 7Page - ATMEL Corporation 24LC08 Datasheet HTML 8Page - ATMEL Corporation 24LC08 Datasheet HTML 9Page - ATMEL Corporation 24LC08 Datasheet HTML 10Page - ATMEL Corporation 24LC08 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AT93C46/56/57/66
7
Timing Diagrams
Synchronous Data Timing
Note:
1.
This is the minimum SK period.
Note:
1. A
8 is a DON’T CARE value, but the extra clock is required.
READ Timing
Organization Key for Timing Diagrams
I/O
AT93C46 (1K)
AT93C56 (2K)
AT93C57 (2K)
AT93C66 (4K)
x 8
x 16
x 8
x 16
x 8
x 16
x 8
x 16
A
N
A
6
A
5
A
8
(1)
A
7
A
7
A
6
A
8
A
7
D
N
D
7
D
15
D
7
D
15
D
7
D
15
D
7
D
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com