Electronic Components Datasheet Search
  English  ▼

X  

BC869 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BC869
Description  20 V, 2 A PNP medium power transistors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC869 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BC869 Datasheet HTML 9Page - NXP Semiconductors BC869 Datasheet HTML 10Page - NXP Semiconductors BC869 Datasheet HTML 11Page - NXP Semiconductors BC869 Datasheet HTML 12Page - NXP Semiconductors BC869 Datasheet HTML 13Page - NXP Semiconductors BC869 Datasheet HTML 14Page - NXP Semiconductors BC869 Datasheet HTML 15Page - NXP Semiconductors BC869 Datasheet HTML 16Page - NXP Semiconductors BC869 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
BCP69_BC869_BC69PA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 12 October 2011
13 of 24
NXP Semiconductors
BCP69; BC869; BC69PA
20 V, 2 A PNP medium power transistors
7.
Characteristics
[1]
Pulse test: tp  300 s;  = 0.02.
Table 8.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB = 25 V; IE =0A
-
-
100
nA
VCB = 25 V; IE =0A;
Tj = 150 C
--
10
A
IEBO
emitter-base cut-off
current
VEB = 5V; IC =0A
-
-
100
nA
hFE
DC current gain
VCE = 10 V
IC = 5mA
50
-
-
DC current gain
VCE = 1V
IC = 500 mA
[1]
85
-
375
IC = 1A
[1]
60
-
-
IC = 2A
[1]
40
-
-
DC current gain
VCE = 1V
hFE selection -16
IC = 500 mA
[1]
100
-
250
hFE selection -25
IC = 500 mA
[1]
160
-
375
VCEsat
collector-emitter
saturation voltage
IC = 1A; IB = 100 mA
[1]
--
0.5
V
IC = 2A; IB = 200 mA
[1]
0.6
V
VBE
base-emitter voltage
VCE = 10 V; IC = 5mA
[1]
--
0.7
V
VCE = 1V; IC = 1A
[1]
--
1V
Cc
collector capacitance
VCB = 10 V; IE =ie =0A;
f=1MHz
-28
-
pF
fT
transition frequency
VCE = 5V; IC = 50 mA;
f=100MHz
40
140
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com