Electronic Components Datasheet Search
  English  ▼

X  

MS4515 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MS4515
Description  PCB Mounted Pressure Transducers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MS4515 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MS4515 Datasheet HTML 1Page - List of Unclassifed Manufacturers MS4515 Datasheet HTML 2Page - List of Unclassifed Manufacturers MS4515 Datasheet HTML 3Page - List of Unclassifed Manufacturers MS4515 Datasheet HTML 4Page - List of Unclassifed Manufacturers MS4515 Datasheet HTML 5Page - List of Unclassifed Manufacturers MS4515 Datasheet HTML 6Page - List of Unclassifed Manufacturers MS4515 Datasheet HTML 7Page - List of Unclassifed Manufacturers MS4515 Datasheet HTML 8Page - List of Unclassifed Manufacturers MS4515 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MS4515
MS4515
www.meas-spec.com
April 2012
3/13
ENVIRONMENTAL SPECIFICATIONS
Parameter
Conditions
Mechanical Shock
Mil Spec 202F, Method 213B, Condition C, 3 Drops
Mechanical Vibration
Mil Spec 202F, Method 214A, Condition 1E, 1Hr Each Axis
Thermal Shock
100 Cycles over Storage Temperature, 30 minute dwell
Life
1 Million FS Cycles
MTTF
>10Yrs, 70 ºC, 10 Million Pressure Cycles, 120%FS
Pressure
PERFORMANCE SPECIFICATIONS
Supply Voltage
1: 5.0V or 3.3 Vdc
Ambient Temperature: 25°C (unless otherwise specified)
PARAMETERS
MIN
TYP
MAX
UNITS
NOTES
Accuracy
-0.25
0.25
%Span
2
Total Error Band (TEB)
-1.0
1.0
%Span
3,5
Total Error Band (TEB)
4inH2O and Below
-2.0
2.0
%Span
3,5
Supply Current
3
mA
5
Compensated Temperature
0
+60
ºC
4
Operating Temperature
-10
+85
ºC
Response Time
1
mS
5
Weight
3
grams
Media
Non-Corrosive Dry Gases Compatible with Ceramic, Silicon, Pyrex,
PPS, RTV, Gold, Aluminum and Epoxy. See “Wetted Material by Port
Designation” chart below.
Notes
1.
Proper operation requires an external capacitor placed as shown in Connection Diagram. Output is ratiometric to supply voltage
variations of less than 10%.
2.
Accuracy: The maximum deviation from a best fit straight line (BFSL) fitted to the output measured over the pressure range at 25°C.
Includes all errors due to pressure non linearity, hysteresis, and non repeatability.
3.
Total error band includes all accuracy errors, thermal errors over the compensated temperature range, and span and offset calibration
tolerances. For ideal sensor output with respect to input pressure, reference Pressure Transfer Function charts below. TEB values are
valid only at the calibrated supply voltage.
4.
For errors beyond the compensated temperature range, see Extended Temperature Multiplier chart below.
5.
This product can be configured for custom OEM requirements, contact factory for lower power consumption or higher accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com