Electronic Components Datasheet Search
  English  ▼

X  

MS4515DO Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MS4515DO
Description  PCB Mounted Digital Output Transducer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MS4515DO Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MS4515DO Datasheet HTML 1Page - List of Unclassifed Manufacturers MS4515DO Datasheet HTML 2Page - List of Unclassifed Manufacturers MS4515DO Datasheet HTML 3Page - List of Unclassifed Manufacturers MS4515DO Datasheet HTML 4Page - List of Unclassifed Manufacturers MS4515DO Datasheet HTML 5Page - List of Unclassifed Manufacturers MS4515DO Datasheet HTML 6Page - List of Unclassifed Manufacturers MS4515DO Datasheet HTML 7Page - List of Unclassifed Manufacturers MS4515DO Datasheet HTML 8Page - List of Unclassifed Manufacturers MS4515DO Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MS4515DO
MS4515DO
www.meas-spec.com
April 2012
1/19
PCB Mounted Digital Output Transducer
Combination Temperature and Pressure
Pressure Ranges from 2 to 30inH2O
I
2C or SPI Protocol
Differential & Gage
Temperature Compensated
3.3 or 5.0 Vdc Supply Voltage
Low Power Option Available
(standby < 1uA)
DESCRIPTION
The MS4515DO is a small, ceramic based, PCB mounted pressure transducer from Measurement
Specialties. The transducer is built using Measurement Specialties’ proprietary UltraStable™ process and the
latest CMOS sensor conditioning circuitry to create a low cost, high performance Digital Output Pressure (14bit)
and Temperature (11bit) transducer designed to meet the strictest requirements from OEM customers.
The MS4515DO is fully calibrated and temperature compensated with a total error band (TEB) of less
than 1.0% over the compensated range. The sensor operates from single supply of either 3.3 or 5.0Vdc and
requires a single external component for proper operation.
The rugged ceramic transducer is available in side port, top port, and manifold mount and can measure
absolute or differential pressure from 2 to 30 inH20. The 1/8” barbed pressure ports mate securely with 3/32” ID
tubing.
FEATURES
APPLICATIONS
inH2O Pressure Ranges
Blocked Filter Detection
PCB Mountable
Altitude and Airspeed Measurements
Digital Output
Medical Instruments
Barbed Pressure Ports
Fire Suppression Systems
Panel Meter
STANDARD RANGES (IN H2O)
Range
Gauge
Differential
Option Availability
2
DS, SS, TP, MM
-L
4
DS, SS, TP, MM
DS, SS, TP, MM
-L
5
DS, SS, TP, MM
DS, SS, TP, MM
-L
10
DS, SS, TP, MM
DS, SS, TP, MM
-F, -L
20
DS, SS, TP, MM
DS, SS, TP, MM
-F, -L
30
DS, SS, TP, MM
DS, SS, TP, MM
-F, -L
See Package Configurations: DS= Dual Side Port, SS= Single Side Port, TP= Top Port, MM= Manifold Mount
Only I2C Protocol is Available on “L” type Pin Styles; Reference Ordering Information for Details
Pin Style “L” is only available SS and MM port types.


Similar Part No. - MS4515DO

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS4515DO TEC-MS4515DO Datasheet
465Kb / 16P
Combination Temperature and Pressure
More results

Similar Description - MS4515DO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ORD9702 ETC-ORD9702 Datasheet
111Kb / 2P
PCB MOUNTED LEDS
logo
Cynergy3 Co
SSF67V CYNERGY3-SSF67V Datasheet
1Mb / 1P
continuous output level transducer
logo
List of Unclassifed Man...
MS4525DO ETC2-MS4525DO Datasheet
409Kb / 19P
PCB Mounted Digital Output Transducer
logo
LEM
FHS40-PKIT4 LEM-FHS40-PKIT4 Datasheet
197Kb / 5P
Current Transducer Evaluation PCB
FHS40-PKIT5 LEM-FHS40-PKIT5 Datasheet
207Kb / 6P
Current Transducer Evaluation PCB
FHS40-PKIT6 LEM-FHS40-PKIT6 Datasheet
218Kb / 5P
Current Transducer Evaluation PCB
FHS40-PKIT7 LEM-FHS40-PKIT7 Datasheet
215Kb / 5P
Current Transducer Evaluation PCB
FHS40-PKIT8 LEM-FHS40-PKIT8 Datasheet
223Kb / 5P
Current Transducer Evaluation PCB
FHS40-PKIT9 LEM-FHS40-PKIT9 Datasheet
166Kb / 5P
Current Transducer Evaluation PCB
logo
EHAOAN.
2424PT-6B EHAOAN-2424PT-6B Datasheet
1Mb / 7P
PCB Mounted Infrared Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com