Electronic Components Datasheet Search
  English  ▼

X  

SF0044BA01931S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0044BA01931S
Description  44 MHz SAW Filter 8 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0044BA01931S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0044BA01931S Datasheet HTML 1Page - API Technologies Corp SF0044BA01931S Datasheet HTML 2Page - API Technologies Corp SF0044BA01931S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
44 MHz SAW Filter
8 MHz Bandwidth
Part Number: SF0044BA01931S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0044BA01931S
Rev A
4-Feb-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency ( Fc)
1
-
44.0
-
MHz
Insertion Loss
2
-
25
25.5
dB
Lower 1dB Band Edge
-
40.18
40.24
MHz
Upper 1 dB band Edge
47.76
47.84
-
MHz
3 dB Bandwidth
8.08
8.09
-
MHz
Lower 38 dB Band Edge
38.94
39.07
-
MHz
Upper 38 dB Band Edge
-
48.99
49.06
MHz
Passband Amplitude Ripple
3
-
0.4
0.5
dB p-p
Passband Group Delay Ripple
4
-
40
75
ns p-p
Rejection (10 to 36.84 MHz)
46
45
-
dB
Rejection (36.84 to 38.94 MHz)
39
42
-
dB
Rejection (49.06 to 51.16 MHz)
39
42
-
dB
Rejection (51.16 to 80 MHz)
41
45
-
dB
Ambient Temperature
-
25
-
ºC
Source / Load Impedance
-
50
-
Ω
Temperature Coefficient of Frequency
-
-72
-
ppm/ ºC
Substrate Material
128 Lithium Niobate
Notes:
1. Defined as the average of the lower and upper 3 dB frequencies.
2. Value at 44 MHz.
3. Measured over 40.39 to 47.25 MHz.
4. Measured over 40.24 to 47.76 MHz.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
20
30
˚C
Input Power Level
10
dBm
MATCHING CIRCUIT
Note: External matching components are not required.
10
5
1
6
Input
50
Ω
Single-ended
Output
50
Ω
Single-ended
GND
GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com