Electronic Components Datasheet Search
  English  ▼

X  

OP11EPZ Datasheet(PDF) 1 Page - Analog Devices

Part # OP11EPZ
Description  Quad Matched 741-Type Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP11EPZ Datasheet(HTML) 1 Page - Analog Devices

  OP11EPZ Datasheet HTML 1Page - Analog Devices OP11EPZ Datasheet HTML 2Page - Analog Devices OP11EPZ Datasheet HTML 3Page - Analog Devices OP11EPZ Datasheet HTML 4Page - Analog Devices OP11EPZ Datasheet HTML 5Page - Analog Devices OP11EPZ Datasheet HTML 6Page - Analog Devices OP11EPZ Datasheet HTML 7Page - Analog Devices OP11EPZ Datasheet HTML 8Page - Analog Devices OP11EPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Quad Matched
741-Type Operational Amplifiers
OP11
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Guaranteed VOS: 500 μV maximum
Guaranteed matched CMRR: 94 dB minimum
Guaranteed matched VOS: 750 μV maximum
LM148/LM348 direct replacement
Low noise
Silicon-nitride passivation
Internal frequency compensation
Low crossover distortion
Continuous short-circuit protection
Low input bias current
GENERAL DESCRIPTION
The OP11 provides four matched 741-type operational
amplifiers in a single 14-lead PDIP. The OP11 is pin compatible
with the LM148, LM348, RM4156, RM4158, and HA4741
amplifiers. The amplifier is matched for common-mode
rejection ratio and offset voltage, which is very important in
designing instrumentation amplifiers. In addition, the amplifier
is designed to have equal positive-going and negative-going
slew rates, which is an important consideration for good audio
system performance.
The OP11 is ideal for use in designs requiring minimum space
and cost while maintaining performance.
PIN CONFIGURATION
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OP11
Figure 1. 14-Lead PDIP (N-14)
(P Suffix)
–IN
+IN
V–
OUTPUT
V+
Figure 2. Simplified Schematic


Similar Part No. - OP11EPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP11EPZ AD-OP11EPZ Datasheet
260Kb / 12P
Quad Matched 741-Type Operational Amplifiers
REV. B
More results

Similar Description - OP11EPZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3303 NSC-LM3303 Datasheet
200Kb / 10P
Quad Operational Amplifiers
logo
Analog Devices
OP-09 AD-OP-09 Datasheet
718Kb / 7P
Quad Matched 741-Type Operational Amplifiers
OP11 AD-OP11 Datasheet
137Kb / 8P
Quad Matched 741-Type Operational Amplifiers
4/02-REV.A
logo
Motorola, Inc
MC1537 MOTOROLA-MC1537 Datasheet
245Kb / 4P
MATCHED DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
QUAD OPERATIONAL AMPLIFIERS
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
Quad Operational Amplifiers
Version 0.2 27 July 2011
logo
Analog Devices
OP11EPZ AD-OP11EPZ Datasheet
260Kb / 12P
Quad Matched 741-Type Operational Amplifiers
REV. B
OP-09 AD-OP-09_15 Datasheet
727Kb / 7P
QUAN MATCHED 741 TYPE OPERATIONAL AMPLIGIERS
OP-11 AD-OP-11_15 Datasheet
727Kb / 7P
QUAD MATCHED 741 TYPE OPERATIONAL AMPLIGIERS
OP11 AD-OP11_15 Datasheet
260Kb / 12P
Quad Matched 741-Type Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com