Electronic Components Datasheet Search
  English  ▼

X  

OP11EP Datasheet(PDF) 6 Page - Analog Devices

Part # OP11EP
Description  Quad Matched 741-Type Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP11EP Datasheet(HTML) 6 Page - Analog Devices

Back Button OP11EP Datasheet HTML 2Page - Analog Devices OP11EP Datasheet HTML 3Page - Analog Devices OP11EP Datasheet HTML 4Page - Analog Devices OP11EP Datasheet HTML 5Page - Analog Devices OP11EP Datasheet HTML 6Page - Analog Devices OP11EP Datasheet HTML 7Page - Analog Devices OP11EP Datasheet HTML 8Page - Analog Devices OP11EP Datasheet HTML 9Page - Analog Devices OP11EP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
OP11
Rev. B | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
–0.1
–0.2
–0.3
–0.4
–0.5
VS = ±15V
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
Figure 3. Input Offset Voltage vs. Temperature
20
15
10
5
0
VS = ±15V
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
Figure 4. Input Offset Current vs. Temperature
300
200
100
0
VS = ±15V
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
Figure 5. Input Bias Current vs. Temperature
800
700
600
500
400
300
200
100
0
VS = ±15V
RL = 2kΩ
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
Figure 6. Open-Loop Gain vs. Temperature
120
100
80
60
40
20
0
0
45
90
135
180
0.1
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
GAIN
PHASE
VS = ±15V
RL = 2kΩ
TA = 25°C
CL = 100pF
Figure 7. Open-Loop Gain and Phase vs. Frequency
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
SLEW RATE
BANDWIDTH
VS = ±15V
Figure 8. Normalized Slew Rate and Bandwidth vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com