Electronic Components Datasheet Search
  English  ▼

X  

OP215 Datasheet(PDF) 7 Page - Analog Devices

Part # OP215
Description  Dual Precision JFET-Input Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP215 Datasheet(HTML) 7 Page - Analog Devices

  OP215 Datasheet HTML 1Page - Analog Devices OP215 Datasheet HTML 2Page - Analog Devices OP215 Datasheet HTML 3Page - Analog Devices OP215 Datasheet HTML 4Page - Analog Devices OP215 Datasheet HTML 5Page - Analog Devices OP215 Datasheet HTML 6Page - Analog Devices OP215 Datasheet HTML 7Page - Analog Devices OP215 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. A
OP215
–7–
BASIC CONNECTIONS
OP215
B
OP215
A
1
7
100k
200
100k
3
2
5
6
8
+15V
–15V
NOTES
1. TA = 125 C TO 150 C
2. RESISTORS ARE TYPE
RN55D,
1%
4
Figure 5. Burn-In Circuit
APPLICATIONS INFORMATION
Dynamic Operating Considerations
As with most amplifiers, care should be taken with lead dress,
component placement, and supply de-coupling in order to ensure
stability. For example, resistors from the output to an input should
be placed with the body close to the input to minimize “pick up”
and maximize the frequency of the feedback pole by minimizing
the capacitance from the input to ground.
A feedback pole is created when the feedback around any amplifier
is resistive. The parallel resistance and capacitance from the
input of the device (usually the inverting input) to ac ground
sets the frequency of the pole. In many instances, the frequency
of this pole is much greater than the expected 3 dB frequency of
the closed-loop gain and, consequently, there is negligible effect
on stability margin. However, if the feedback pole is less than
approximately six times the expected 3 dB frequency, a lead
capacitor should be placed from the output to the negative input
of the op amp. The value of the added capacitor should be such
that the RC time constant of this capacitor and the resistance it
parallels is greater than, or equal to, the original feedback pole
time constant.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead CERDIP
(Z-Suffix)
1
4
85
0.310 (7.87)
0.220 (5.59)
PIN 1
0.005 (0.13)
MIN
0.055 (1.4)
MAX
0.100 (2.54) BSC
15°
0°
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
SEATING
PLANE
0.200 (5.08)
MAX
0.405 (10.29) MAX
0.150
(3.81)
MIN
0.200 (5.08)
0.125 (3.18)
0.023 (0.58)
0.014 (0.36)
0.070 (1.78)
0.030 (0.76)
0.060 (1.52)
0.015 (0.38)
8-Lead Plastic DIP
(P-Suffix)
SEATING
PLANE
0.060 (1.52)
0.015 (0.38)
0.210
(5.33)
MAX
0.022 (0.558)
0.014 (0.356)
0.160 (4.06)
0.115 (2.93)
0.070 (1.77)
0.045 (1.15)
0.130
(3.30)
MIN
8
1
4
5
PIN 1
0.280 (7.11)
0.240 (6.10)
0.100 (2.54)
BSC
0.430 (10.92)
0.348 (8.84)
0.195 (4.95)
0.115 (2.93)
0.015 (0.381)
0.008 (0.204)
0.325 (8.25)
0.300 (7.62)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com