Electronic Components Datasheet Search
  English  ▼

X  

OP221GSZ Datasheet(PDF) 3 Page - Analog Devices

Part # OP221GSZ
Description  Dual Low Power Operational Amplifier, Single or Dual Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP221GSZ Datasheet(HTML) 3 Page - Analog Devices

  OP221GSZ Datasheet HTML 1Page - Analog Devices OP221GSZ Datasheet HTML 2Page - Analog Devices OP221GSZ Datasheet HTML 3Page - Analog Devices OP221GSZ Datasheet HTML 4Page - Analog Devices OP221GSZ Datasheet HTML 5Page - Analog Devices OP221GSZ Datasheet HTML 6Page - Analog Devices OP221GSZ Datasheet HTML 7Page - Analog Devices OP221GSZ Datasheet HTML 8Page - Analog Devices OP221GSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. C
–3–
OP221
SPECIFICATIONS (Electrical Characteristicsat V
S =
2.5 V to
15 V, –40 C
£ TA £ +85 C, unless otherwise noted.)
OP221G
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Average Input
TCVOS
23
mV/∞C
Offset Voltage Drift
1
Input Offset Voltage
VOS
400
700
mV
Input Offset Current
IOS
VCM = 0
2
10
nA
Input Bias Current
IB
VCM = 0
80
140
nA
Input Voltage Range
IVR
V+ = 5 V, V– = 0 V
2
0/3.2
V
VS =
±15 V
–15/13.2
Common-Mode
CMRR
V+ = –5 V, V– = 0 V
Rejection Ratio
0 V
£ VCM £ 3.5 V
70
80
VS =
±15 V
dB
–15 V
£ VCM £ 13.5 V
75
85
Power Supply
PSRR
VS =
±2.5 V to ± 15 V
57
180
mV/V
Rejection Ratio
V– = 0 V, V+ = 5 V to 30 V
100
320
Large-Signal
AVO
VS =
±15 V, RL = 10 kW
Voltage Gain
VO =
±10 V
600
V/mV
Output Voltage
VO
V+ = 5 V, V– = 0 V
0.9/3.7
Swing
RL = 10 k
W
V
VS = 15 V, RL = 10 k
W
13.2
Supply Current
ISY
VS =
±2.5 V, No Load
600
750
mA
(Both Amplifiers)
VS =
±15 V, No Load
950
1000
NOTES
1Sample tested.
2Guaranteed by CMRR test limits.
OP221G
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset
Voltage Match
DVOS
250
600
mV
Average Noninverting
Bias Current
IB+
120
nA
Noninverting Input
IOS+4
10
nA
Offset Current
Common-Mode
Rejection Ratio
DCMRR
VCM = –15 V to 13.5 V
72
dB
Match
1
Power Supply
Rejection Ratio
DPSRR
VS =
±2.5 V to ± 15 V
140
mV/V
Match
2
NOTES
1
DCMRR is 20 log10 VCM/DCME, where VCM is the voltage applied to both noninverting inputs and DCME is the difference in common-mode input-referred error.
2
DPSRR is: Input-Referred Differential Error
DVS
Matching Characteristics at Vs =
15 V, TA = 25 C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com