Electronic Components Datasheet Search
  English  ▼

X  

OP420 Datasheet(PDF) 3 Page - Analog Devices

Part # OP420
Description  Quad Micropower Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP420 Datasheet(HTML) 3 Page - Analog Devices

  OP420 Datasheet HTML 1Page - Analog Devices OP420 Datasheet HTML 2Page - Analog Devices OP420 Datasheet HTML 3Page - Analog Devices OP420 Datasheet HTML 4Page - Analog Devices OP420 Datasheet HTML 5Page - Analog Devices OP420 Datasheet HTML 6Page - Analog Devices OP420 Datasheet HTML 7Page - Analog Devices OP420 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. A
–3–
OP420
ELECTRICAL CHARACTERISTICS
(VS =
15 V, –55 C
+125 C for OP420C, –40 C
TA
+85 C for OP420G, unless
otherwise noted.)
OP420C/OP420G
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
AVERAGE INPUT OFFSET
Voltage Drift
1
TCVOS
Unnulled
8
15
µV°C
INPUT OFFSET
VOLTAGE
VOS
VS =
±2.5 V to ±15 V
5.5
mV
INPUT OFFSET
CURRENT
2
IOS
VS =
±2.5 V to ±15 V
4
nA
INPUT BIAS CURRENT
2
IB
VS =
±2.5 V to ±15 V
40
nA
INPUT VOLTAGE RANGE
IVR
V+ = 5 V, V– = 0 V
0/3.2
V
VS =
±15 V
–15/13.2
V
COMMON-MODE
CMRR
V+ = 5 V, V– = 0 V,
Rejection Ratio
0 V
≤ V
CM
≤ 3.2 V
73
92
dB
VS =
±15 V
–15 V
≤ VCM ≤ 13.2 V
73
92
dB
POWER SUPPLY
PSRR
VS =
±2.5 V to ±15 V,
Rejection Ratio
V– = 0 V, V+ = 5 V to 30 V
25
80
µV/V
LARGE-SIGNAL
VOLTAGE GAIN
AVO
VS =
±15 V, RL = 50 kΩ,
VO = 10 V
200
650
V/mV
OUTPUT VOLTAGE
SWING
VO
V+ = 5 V, V– = 0 V,
RL = 20 k
Ω
1.0/3.8
V
VS =
±15 V,
RL = 50 k
Ω±13.8
V
SUPPLY CURRENT
ISY
VS =
±2.5 V, No Load
210
400
µA
(Four Amplifiers)
VS =
±15 V, No Load
420
640
µA
NOTES
1Sample tested.
2I
OS and IB are measured at VCM = 0
°.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com