Electronic Components Datasheet Search
  English  ▼

X  

OP27C Datasheet(PDF) 18 Page - Texas Instruments

Part # OP27C
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP27C Datasheet(HTML) 18 Page - Texas Instruments

Back Button OP27C Datasheet HTML 14Page - Texas Instruments OP27C Datasheet HTML 15Page - Texas Instruments OP27C Datasheet HTML 16Page - Texas Instruments OP27C Datasheet HTML 17Page - Texas Instruments OP27C Datasheet HTML 18Page - Texas Instruments OP27C Datasheet HTML 19Page - Texas Instruments OP27C Datasheet HTML 20Page - Texas Instruments OP27C Datasheet HTML 21Page - Texas Instruments OP27C Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
OP27A, OP27C
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL-AMPLIFIER
SLOS100E − FEBRUARY 1989 − REVISED FEBRUARY 2010
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
unity gain buffer applications (continued)
To Gate
Drive
#1
+
−
Typical
Multiplexing
FET Switches
#2
+
−
#24
+
−
Cold-Junction
Circuitry
+
−
−
+
Output
0.05
μF
100 k
Ω
High-Quality
Single-Point Ground
10
Ω
AVD = 10,000
Type S Thermocouples
5.4
μV/°C at 0°C
60
40
20
0
0
246
80
100
t − Time − seconds
120
810
OP27
NOTE A: If 24 channels are multiplexed per second and the output is required to settle to 0.1 % accuracy, the amplifier’s bandwidth cannot be
limited to less than 30 Hz. The peak-to-peak noise contribution of the OP27 will still be only 0.11
μV, which is equivalent to an error
of only 0.02
°C.
Figure 32. Low-Noise, Multiplexed Thermocouple Amplifier and
0.1-Hz to 10-Hz Peak-to-Peak Noise Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com