Electronic Components Datasheet Search
  English  ▼

X  

OP27C Datasheet(PDF) 4 Page - Texas Instruments

Part # OP27C
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP27C Datasheet(HTML) 4 Page - Texas Instruments

  OP27C Datasheet HTML 1Page - Texas Instruments OP27C Datasheet HTML 2Page - Texas Instruments OP27C Datasheet HTML 3Page - Texas Instruments OP27C Datasheet HTML 4Page - Texas Instruments OP27C Datasheet HTML 5Page - Texas Instruments OP27C Datasheet HTML 6Page - Texas Instruments OP27C Datasheet HTML 7Page - Texas Instruments OP27C Datasheet HTML 8Page - Texas Instruments OP27C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
OP27A, OP27C
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL-AMPLIFIER
SLOS100E − FEBRUARY 1989 − REVISED FEBRUARY 2010
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
OP27A
OP27C
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
Supply voltage, VCC +
4
15
22
4
15
22
V
Supply voltage, VCC −
−4
−15
−22
−4
−15
−22
V
Common mode input voltage V
VCC ± = ± 15 V,
TA = 25°C
± 11
±11
V
Common-mode input voltage, VIC
VCC ± = ± 15 V,
TA = − 55°C to 125°C
±10.3
±10.2
V
Operating free-air temperature, TA
−55
125
−55
125
°C
electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
T †
OP27A
OP27C
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
V
Input offset voltage
VO = 0,
VIC = 0
25
°C
10
25
30
100
V
VIO
Input offset voltage
VO = 0,
VIC = 0
RS = 50 Ω,
See Note 3
Full range
60
300
μV
αVIO
Average temperature
coefficient of input
offset voltage
Full range
0.2
0.6
0.4
1.8
μV/°C
Long-term drift of input
offset voltage
See Note 4
0.2
1
0.4
2
μV/mo
I
Input offset current
V
0V
0
25
°C
7
35
12
75
nA
IIO
Input offset current
VO = 0,
VIC = 0
Full range
50
135
nA
I
Input bias current
V
0V
0
25
°C
±10
±40
±15
±80
nA
IIB
Input bias current
VO = 0,
VIC = 0
Full range
±60
±150
nA
V
Common-mode input
25
°C
11
to
−11
11
to
−11
V
VICR
Common mode input
voltage range
Full range
10.3
to
− 10.3
10.5
to
− 10.5
V
RL ≥ 2 kΩ
±12 ±13.8
±11.5 ±13.5
VOM
Peak output voltage swing
RL ≥ 0.6 kΩ
±10 ±11.5
±10 ±11.5
V
VOM
Peak output voltage swing
RL ≥ 2 kΩ
Full range
±11.5
10.5
V
RL ≥ 2 kΩ,
VO = ± 10 V
1000
1800
700
1500
Large signal differential
RL ≥ 1 kΩ,
VO = ± 10 V
800
1500
1500
AVD
Large-signal differential
voltage amplification
RL ≥ 0.6 kΩ, VO = ± 1 V,
VCC± = ± 4 V
250
700
200
500
V/mV
RL ≥ 2 kΩ,
VO = ± 10 V
Full range
600
300
ri(CM)
Common-mode input
resistance
3
2
G
Ω
ro
Output resistance
VO = 0,
IO = 0
25
°C
70
70
Ω
CMRR
Common-mode rejection
VIC = ± 11 V
25
°C
114
126
100
120
dB
CMRR
Common mode rejection
ratio
VIC = ± 10 V
Full range
110
94
dB
k
Supply voltage rejection
VCC ± = ± 4 V to ± 18 V
25
°C
100
120
94
118
dB
kSVR
Supply voltage rejection
ratio
VCC ± = ± 4.5 V to ± 18 V
Full range
96
86
dB
† Full range is − 55
°C to 125°C.
NOTES:
3. Input offset voltage measurements are performed by automatic test equipment approximately 0.5 seconds after applying power.
4. Long-term drift of input offset voltage refers to the average trend line of offset voltage versus time over extended periods after the
first 30 days of operation. Excluding the initial hour of operation, changes in VIO during the first 30 days are typically 2.5 μV
(see Figure 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com