Electronic Components Datasheet Search
  English  ▼

X  

OP27AFK Datasheet(PDF) 16 Page - Texas Instruments

Part # OP27AFK
Description  LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OP27AFK Datasheet(HTML) 16 Page - Texas Instruments

Back Button OP27AFK Datasheet HTML 12Page - Texas Instruments OP27AFK Datasheet HTML 13Page - Texas Instruments OP27AFK Datasheet HTML 14Page - Texas Instruments OP27AFK Datasheet HTML 15Page - Texas Instruments OP27AFK Datasheet HTML 16Page - Texas Instruments OP27AFK Datasheet HTML 17Page - Texas Instruments OP27AFK Datasheet HTML 18Page - Texas Instruments OP27AFK Datasheet HTML 19Page - Texas Instruments OP27AFK Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
OP27A, OP27C
LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL-AMPLIFIER
SLOS100E − FEBRUARY 1989 − REVISED FEBRUARY 2010
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
noise testing (continued)
When measuring noise on a large number of units, a noise-voltage density test is recommended. A 10-Hz
noise-voltage density measurement correlates well with a 0.1-Hz to 10-Hz peak-to-peak noise reading since
both results are determined by the white noise and the location of the 1/f corner frequency.
Figure 27 shows a circuit measuring current noise and the formula for calculating current noise.
+
−
10k
Ω
Vno
100
Ω
500 k
Ω
500 k
Ω
[Vno2 − (130 nV)2]1/2
1 M
Ω × 100
In =
Figure 27. Current Noise Test Circuit and Formula
offset voltage adjustment
The input offset voltage and temperature coefficient of the OP27 are permanently trimmed to a low level at wafer
testing. However, if further adjustment of VIO is necessary, using a 10-kΩ nulling potentiometer as shown in
Figure 28 does not degrade the temperature coefficient
αVIO. Trimming to a value other than zero creates an
αVIO of VIO/300 μV/°C. For example, if VIO is adjusted to 300 μV, the change in αVIO is 1 μV/°C.
The adjustment range with a 10-k
Ω potentiometer is approximately ±2.5 mV. If a smaller adjustment range is
needed, the sensitivity and resolution of the nulling can be improved by using a smaller potentiometer in
conjunction with fixed resistors. The example in Figure 29 has an approximate null range of
±200 μV.
+
−
−15 V
Output
2
3
7
8
4
1
Input
6
15 V
10 k
Ω
−15 V
Output
2
3
7
8
4
1
Input
6
4.7 k
Ω
Figure 28. Standard Input Offset
Voltage Adjustment
Figure 29. Input Offset Voltage Adjustment With
Improved Sensitivity
15 V
1 k
Ω
4.7 k
Ω
offset voltage and drift
Unless proper care is exercised, thermoelectric effects caused by temperature gradients across dissimilar
metals at the contacts to the input terminals can exceed the inherent temperature coefficient
∝VIO of the
amplifier. Air currents should be minimized, package leads should be short, and the two input leads should be
close together and at the same temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com