Electronic Components Datasheet Search
  English  ▼

X  

OPA37 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA37
Description  Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA37 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA37 Datasheet HTML 9Page - Texas Instruments OPA37 Datasheet HTML 10Page - Texas Instruments OPA37 Datasheet HTML 11Page - Texas Instruments OPA37 Datasheet HTML 12Page - Texas Instruments OPA37 Datasheet HTML 13Page - Texas Instruments OPA37 Datasheet HTML 14Page - Texas Instruments OPA37 Datasheet HTML 15Page - Texas Instruments OPA37 Datasheet HTML 16Page - Texas Instruments OPA37 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
OPA27, OPA37
13
SBOS135C
www.ti.com
FIGURE 16. Ultra-Low Noise “N”-Stage Parallel Amplifier.
2k
Ω
Gain = –1010V/V
V
OS ≈ 2µV
Drift
≈ 0.07µV/°C
e
n ≈ 1nV/√Hz at 10Hz
0.9nV/
√Hz at 100Hz
0.87nV/
√Hz at 1kHz
Full Power Bandwidth
≈ 180kHz
Gain Bandwidth
≈ 500MHz
Equivalent Noise Resistance
≈ 50Ω
Signal-to-Noise Ratio
∝ √N
since amplifier noise is
uncorrelated.
2k
Ω
6
2
3
20
Ω
6
2
3
6
2
3
2k
Ω
6
2
3
6
2
3
OPA37
OPA37
OPA37
OPA37
OPA37
6
Output
2
3
OPA37
N = 10 Each OPA37
2k
Ω
2k
Ω
2k
Ω
2k
Ω
2k
Ω
20
Ω
2k
Ω
20
Ω
2k
Ω
20
Ω
2k
Ω
20
Ω
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com