Electronic Components Datasheet Search
  English  ▼

X  

OPA347 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA347
Description  microPower, Rail-to-Rail Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA347 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA347 Datasheet HTML 8Page - Texas Instruments OPA347 Datasheet HTML 9Page - Texas Instruments OPA347 Datasheet HTML 10Page - Texas Instruments OPA347 Datasheet HTML 11Page - Texas Instruments OPA347 Datasheet HTML 12Page - Texas Instruments OPA347 Datasheet HTML 13Page - Texas Instruments OPA347 Datasheet HTML 14Page - Texas Instruments OPA347 Datasheet HTML 15Page - Texas Instruments OPA347 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
OPA347, 2347, 4347
12
SBOS167D
www.ti.com
SOLDER PAD
SOLDER MASK
COPPER
DEFINITION
COPPER PAD
OPENING
THICKNESS
STENCIL OPENING
STENCIL THICKNESS
Non-Solder Mask
275
µm
375
µm
1 oz max
275
µm X 275µm, sq
125
µm Thick
Defined (NSMD)
(+0.0, –25
µm)
(+0.0, –25
µm)
NOTES: (1) Circuit traces from NSMD-defined PWB lands should be less tham 100
µm (preferrably = 75µm) wide in the exposed area inside the solder mask
opening. Wider trace widths will reduce device stand off and impact reliability. (2) Recommended solder paste is type 3 or type 4. (3) Best reliability results are
achieved when the PWB laminate glass transistion temperature is above the operating range of the intended application. (4) For PWB using an Ni/Au surface
finish, the gold thickness should be less than 0.5um to avoid solder embrittlement and a reduction in thermal fatigue performance. (5) Solder mask thickness
should be less than 20um on top of the copper circuit pattern. (6) Best solder stencil performance will be achieved using laser-cut stencils with electro polishing.
Use of chemically etched stencils results in inferior solder paste volume control. (7) Trace routing away from the WLCSP device should be balanced in X and
Y directions to avoid unintentional component movement due to solder wetting forces.
TABLE II. Recommended Land Pattern.
FIGURE 12. Recommended Land Area.
LAND PATTERNS AND ASSEMBLY
The recommended land pattern for the OPA2347YED pack-
age is detailed in Figure 12 with specifications listed in Table
II. The maximum amount of force during assembly should be
limited to 30 grams of force per bump.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com