Electronic Components Datasheet Search
  English  ▼

X  

OPA445ADDA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA445ADDA
Description  High Voltage FET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA445ADDA Datasheet(HTML) 4 Page - Texas Instruments

  OPA445ADDA Datasheet HTML 1Page - Texas Instruments OPA445ADDA Datasheet HTML 2Page - Texas Instruments OPA445ADDA Datasheet HTML 3Page - Texas Instruments OPA445ADDA Datasheet HTML 4Page - Texas Instruments OPA445ADDA Datasheet HTML 5Page - Texas Instruments OPA445ADDA Datasheet HTML 6Page - Texas Instruments OPA445ADDA Datasheet HTML 7Page - Texas Instruments OPA445ADDA Datasheet HTML 8Page - Texas Instruments OPA445ADDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
OPA445
SBOS156B − MARCH 1987 − REVISED APRIL 2008
www.ti.com
4
TYPICAL CHARACTERISTICS
At TA = +25°C and VS = ±40V, unless otherwise noted.
10
1k
100
10k
1M
10M
Frequency (Hz)
0
140
120
100
80
60
40
20
OPEN−LOOP GAIN AND PHASE
vs FREQUENCY
100k
Gain
θ
−185
−45
−90
−135
10
20
30
40
50
Supply Voltage (
±V
S)
125
120
115
110
105
100
95
OPEN−LOOP GAIN AND SUPPLY CURRENT
vs SUPPLY VOLTAGE
A
VOL
3.0
4.5
4.0
3.5
I
Q
GBW
−75
0
−50
−25
25
75
100
125
Ambient Temperature (
_C)
1.4
2.6
2.4
2.2
2.0
1.8
1.6
GAIN BANDWIDTH AND SLEW RATE
vs TEMPERATURE
SR
10
16
15
14
13
12
11
50
GBW
10
20
30
40
50
Supply Voltage (
±V
S)
1.6
2.2
2.0
1.8
GAIN BANDWIDTH AND SLEW RATE
vs SUPPLY VOLTAGE
SR
13
19
17
15
−75
0
−50
−25
25
75
100
125
Temperature (
_C)
0.01pA
100nA
10nA
1nA
100pA
10pA
1pA
0.1pA
INPUT BIAS CURRENT
vs TEMPERATURE
50
−50 −40 −30 −20 −10
−I
B
+IB
0
10
20
304050
Common−Mode Voltage (V)
40
35
30
25
20
15
10
5
0
INPUT BIAS CURRENT
vs COMMON−MODE VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com