Electronic Components Datasheet Search
  English  ▼

X  

OPA691 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA691
Description  Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA691 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA691 Datasheet HTML 9Page - Texas Instruments OPA691 Datasheet HTML 10Page - Texas Instruments OPA691 Datasheet HTML 11Page - Texas Instruments OPA691 Datasheet HTML 12Page - Texas Instruments OPA691 Datasheet HTML 13Page - Texas Instruments OPA691 Datasheet HTML 14Page - Texas Instruments OPA691 Datasheet HTML 15Page - Texas Instruments OPA691 Datasheet HTML 16Page - Texas Instruments OPA691 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
OPA3692
SBOS228E
13
www.ti.com
LOW-PASS FILTER
The circuit in Figure 6 realizes a 7th-order Butterworth low-
pass filter with a –3dB bandwidth of 20MHz. This filter is based
on the KRC active filter topology, which uses an amplifier with
the fixed gain
≥ 1. The OPA3692 makes a good amplifier for
this type of filter. The component values have been adjusted
to compensate for the parasitic effects of the op amp.
DESIGN-IN TOOLS
DEMONSTRATION FIXTURES
Two PCBs are available to assist in the initial evaluation of
circuit performance using the OPA3692 in its two package
options. Both of these are offered free of charge as
unpopulated PCBs, delivered with a user's guide. The sum-
mary information for these fixtures is shown in
Table I.
The demonstration fixtures can be requested at the Texas
Instruments web site at (www.ti.com) through the OPA3692
product folder.
MACROMODELS AND APPLICATIONS SUPPORT
Computer simulation of circuit performance using SPICE is
often useful when analyzing the performance of analog
circuits and systems. This is particularly true for video and RF
amplifier circuits where parasitic capacitance and inductance
can have a major effect on circuit performance. A SPICE
model for the OPA692 is available through the Texas Instru-
ments web site at www.ti.com. Use three of these models to
simulate the OPA3692. These models do a good job of
predicting small-signal AC and transient performance under
a wide variety of operating conditions. They do not do as well
in predicting the harmonic distortion or dG/dP characteristics.
These models do not attempt to distinguish between the
package types in their small-signal AC performance.
FIGURE 6. 7th-Order Butterworth Filter.
ORDERING
LITERATURE
PRODUCT
PACKAGE
NUMBER
NUMBER
OPA3692IDBQ
SSOP-16
DEM-OPA-SSOP-3B
SBOU006
OPA3692ID
SO-16
DEM-OPA-SO-3A
SBOU007
TABLE I. OPA3692 Demonstration Boards.
1/3
OPA3692
402
Ω
402
Ω
120pF
82pF
220pF
22pF
68pF
47.5
Ω
124
Ω
1/3
OPA3692
402
Ω
56pF
110
Ω
255
Ω
402
Ω
1/3
OPA3692
402
Ω
402
Ω
180pF
48.7
Ω
95.3
Ω
49.9
Ω
(open)
(open)
V
OUT
V
IN
20
–0
–20
–40
–60
–80
–100
Frequency (MHz)
1
1000
3
10
30
100
300
7TH-ORDER BUTTERWORTH
FILTER RESPONSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com