Electronic Components Datasheet Search
  English  ▼

X  

OPA2822 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2822
Description  Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2822 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA2822 Datasheet HTML 12Page - Texas Instruments OPA2822 Datasheet HTML 13Page - Texas Instruments OPA2822 Datasheet HTML 14Page - Texas Instruments OPA2822 Datasheet HTML 15Page - Texas Instruments OPA2822 Datasheet HTML 16Page - Texas Instruments OPA2822 Datasheet HTML 17Page - Texas Instruments OPA2822 Datasheet HTML 18Page - Texas Instruments OPA2822 Datasheet HTML 19Page - Texas Instruments OPA2822 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
4
3
2
1
0
-1
-2
-3
-4
AmbientTemperature( C)
°
8
6
4
2
0
-2
-4
-6
-8
-50
-25
0
25
50
75
100
125
InputBiasCurrent(I )
B
10
InputOffsetCurrent(I
)
´
OS
InputOffsetVoltage(V
)
OS
100
95
90
85
80
75
70
65
60
AmbientTemperature( C)
°
10.5
10.0
9.5
9.0
8.5
8.0
7.5
7.0
6.5
-50
-25
0
25
50
75
100
125
OutputCurrent,Sinking
QuiescentCurrent
OutputCurrent,Sourcing
90
80
70
60
50
40
30
20
10
0
Frequency(Hz)
1k
10k
100k
1M
10M
100M
CMRR
PSRR
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
LoadResistance( )
W
10
100
1k
G=+5V/V
-30
-40
-50
-60
-70
-80
-90
Frequency(MHz)
1
10
100
Input-Referred
AllHostileCrosstalk
1V
Output,3Channels
PP
Channel-to-ChannelCrosstalk
1V
Output,1Channel
PP
OPA4830
SBOS350A – DECEMBER 2006 – REVISED MAY 2008.................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS: VS = +5V (continued)
At TA = +25°C, G = +2V/V, RF = 750Ω to VS/2, and input VCM = 2.5V, unless otherwise noted (see Figure 72).
TYPICAL DC DRIFT OVER TEMPERATURE
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
Figure 42.
Figure 43.
CMRR AND PSRR vs FREQUENCY
OUTPUT SWING vs LOAD RESISTANCE
Figure 44.
Figure 45.
CROSSTALK vs FREQUENCY
Figure 46.
16
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA4830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com