Electronic Components Datasheet Search
  English  ▼

X  

LSR976 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LSR976
Description  Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSR976 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LSR976 Datasheet HTML 5Page - OSRAM GmbH LSR976 Datasheet HTML 6Page - OSRAM GmbH LSR976 Datasheet HTML 7Page - OSRAM GmbH LSR976 Datasheet HTML 8Page - OSRAM GmbH LSR976 Datasheet HTML 9Page - OSRAM GmbH LSR976 Datasheet HTML 10Page - OSRAM GmbH LSR976 Datasheet HTML 11Page - OSRAM GmbH LSR976 Datasheet HTML 12Page - OSRAM GmbH LSR976 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LS R976, LO R976, LY R976
2006-01-20
9
Maßzeichnung
8) Seite 14
Package Outlines
8)
page 14
Gewicht / Approx. weight:
3.2 mg
Gurtung / Polarität und Lage
8) Seite 14
Verpackungseinheit: 4 Rollen mit 4000/Rolle,
8 mm Gurt, ø180 mm
Method of Taping / Polarity and Orientation
8)
page 14
Packing unit: 4 reels with 4000/reel,
8 mm tape, ø180 mm
Empfohlenes Lötpaddesign
8) Seite 14
IR Reflow Löten
Recommended Solder Pad
8)
page 14
IR Reflow Soldering
mark
Cathode
ø0.6 (ø0.024)
1.35 (0.053)
0.9 (0.035)
0.4 (0.016)
Soldering terminal
GEOY6024
1.15 (0.045)
ø0.4 (ø0.016)
0.2 (0.008)
0.7 (0.028)
may flow in x, y direction
1.25 (0.049)
1.05 (0.041)
Cathode mark
C
A
OHAY0530
Cathode mark
A
C
1.5 (0.059)
4 (0.157)
1.6 (0.063)
2 (0.079)
4 (0.157)
1.2 (0.047)
0.9 (0.035)
OHAPY607
1.2 (0.047)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com