Electronic Components Datasheet Search
  English  ▼

X  

LYR976 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LYR976
Description  Hyper CHIPLED Hyper-Bright LED Lead (Pb) Free Product - RoHS Compliant
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYR976 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LYR976 Datasheet HTML 4Page - OSRAM GmbH LYR976 Datasheet HTML 5Page - OSRAM GmbH LYR976 Datasheet HTML 6Page - OSRAM GmbH LYR976 Datasheet HTML 7Page - OSRAM GmbH LYR976 Datasheet HTML 8Page - OSRAM GmbH LYR976 Datasheet HTML 9Page - OSRAM GmbH LYR976 Datasheet HTML 10Page - OSRAM GmbH LYR976 Datasheet HTML 11Page - OSRAM GmbH LYR976 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LS R976, LO R976, LY R976
2006-01-20
8
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A = 25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A = 85 °C
80
OHL00420
0
10
020
5
10
40
30
50
70
60
15
20
I
F
25
mA
30
100
A
T
°C
OHL02140
10
-5
p
t
F
I
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
D
t
P
T
=
T
P
t
IF
0.01
0.05
0.2
0.1
0.005
0.02
0.5
D =
1
0.02
0.04
0.06
0.08
0.12
OHL02147
10
-5
p
t
F
I
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
D
t
P
T
=
T
P
t
IF
0.01
0.05
0.2
0.1
0.005
0.02
0.5
D =
1
0.02
0.04
0.06
0.08
0.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com