Electronic Components Datasheet Search
  English  ▼

X  

MS3459 Datasheet(PDF) 5 Page - Amphenol Corporation

Part # MS3459
Description  Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3459 Datasheet(HTML) 5 Page - Amphenol Corporation

  MS3459 Datasheet HTML 1Page - Amphenol Corporation MS3459 Datasheet HTML 2Page - Amphenol Corporation MS3459 Datasheet HTML 3Page - Amphenol Corporation MS3459 Datasheet HTML 4Page - Amphenol Corporation MS3459 Datasheet HTML 5Page - Amphenol Corporation MS3459 Datasheet HTML 6Page - Amphenol Corporation MS3459 Datasheet HTML 7Page - Amphenol Corporation MS3459 Datasheet HTML 8Page - Amphenol Corporation MS3459 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
4
H Accessory Thread
3 Teeth Equally
Placed 120 Apart
Blue Color Band
E Dia.
Max
G Min. Full
Thread
J Coupling
Thread
D Max.
F
K
Polarizing
Key
A Typ.
B Typ.
B Typ.
PANEL CUTOUT
C Dia.
4 Holes
C Dia.
L Dia.
˚
Receptacle Shell, Flange Wall Mount,
Threaded Coupling
Military No. MS3450
Amphenol/Matrix No. 9440
To complete order number see how to order, page 29.
* Consult Amphenol, Sidney, NY for availability of shell sizes 44 and 48.
Shell
Size*
A
±.031
B
C Dia.
+.010
–.005
D Max.
E
Dia.
Max.
F
G
MIn.
H
Thread
Class 2A
J
Thread
Class 2A
K
L
Dia.
±.010
Class
A, F, R,
W
Class
K
Size
16 & 12
Contacts
Size
8, 4, 0
Contacts
8S
.875
.594
.120
.150
2.031
–
.305
.593/.562
.290
.5000-20 UNEF
.5000-28 UNEF
.083
.562
10S
1.000
.719
.120
.150
2.031
–
.405
.593/.562
.290
.6250-24 UNEF
.6250-24 UNEF
.083
.688
10SL
1.000
.719
.120
.150
2.031
–
.405
.593/.562
.290
.6250-24 UNEF
.6250-24 UNEF
.083
.688
12
1.094
.812
.120
.150
2.125
–
.549
.781/.750
.290
.7500-20 UNEF
.7500-20 UNEF
.083
.812
12S
1.094
.812
.120
.150
2.031
–
.549
.593/.562
.290
.7500-20 UNEF
.7500-20 UNEF
.083
.812
14
1.188
.906
.120
.150
2.125
–
.665
.781/.750
.290
.8750-20 UNEF
.8750-20 UNEF
.083
.938
14S
1.188
.906
.120
.150
2.031
–
.665
.593/.562
.290
.8750-20 UNEF
.8750-20 UNEF
.083
.938
16
1.281
.969
.120
.150
2.125
2.500
.790
.781/.750
.290
1.0000-20 UNEF 1.0000-20 UNEF
.083
1.062
16S
1.281
.969
.120
.150
2.031
–
.790
.593/.562
.290
1.0000-20 UNEF 1.0000-20 UNEF
.083
1.062
18
1.375
1.062
.120
.177
2.125
2.500
.869
.781/.750
.290
1.0625-18 UNEF 1.1250-18 UNEF
.125
1.188
20
1.500
1.156
.120
.177
2.125
2.500
.994
.781/.750
.290
1.1875-18 UNEF 1.2500-18 UNEF
.125
1.312
22
1.625
1.250
.120
.177
2.125
2.500
1.119
.781/.750
.290
1.3125-18 UNEF 1.3750-18 UNEF
.125
1.438
24
1.750
1.375
.147
.177
2.125
2.500
1.244
.843/.812
.290
1.4375-18 UNEF 1.5000-18 UNEF
.125
1.562
28
2.000
1.562
.147
.177
2.125
2.500
1.465
.843/.812
.467
1.7500-18 UNS
1.7500-18 UNS
.125
1.812
32
2.250
1.750
.173
.209
2.125
2.500
1.715
.906/.875
.467
2.0000-18 UNS
2.0000-18 UNS
.125
2.062
36
2.500
1.938
.173
.209
2.125
2.500
1.930
.906/.875
.467
2.2500-16 UN
2.2500-16 UN
.125
2.312
40
2.750
2.188
.173
.209
2.125
2.500
2.145
.906/.875
.467
2.5000-16 UN
2.5000-16 UN
.125
2.562
MS/Standard
MS3450
wall mounting receptacle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com