Electronic Components Datasheet Search
  English  ▼

X  

PS219B2-AST Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PS219B2-AST
Description  Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS219B2-AST Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PS219B2-AST Datasheet HTML 1Page - Powerex Power Semiconductors PS219B2-AST Datasheet HTML 2Page - Powerex Power Semiconductors PS219B2-AST Datasheet HTML 3Page - Powerex Power Semiconductors PS219B2-AST Datasheet HTML 4Page - Powerex Power Semiconductors PS219B2-AST Datasheet HTML 5Page - Powerex Power Semiconductors PS219B2-AST Datasheet HTML 6Page - Powerex Power Semiconductors PS219B2-AST Datasheet HTML 7Page - Powerex Power Semiconductors PS219B2-AST Datasheet HTML 8Page - Powerex Power Semiconductors PS219B2-AST Datasheet HTML 9Page - Powerex Power Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PS219B2-ST, PS219B2-AST, PS219B2-CST
Intellimod™ Module
Dual-In-Line Intelligent Power Module
5 Amperes/600 Volts
4
12/11 Rev. 0
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697-1800 (724) 925-7272 www.pwrx.com
Absolute Maximum Ratings,
Tj = 25°C unless otherwise specified
PS219B2-ST, PS219B2-AST,
Characteristics
Symbol
PS219B2-CST
Units
Inverter Part
Supply Voltage (Applied between P-NU, NV, NW)
VCC
450
Volts
Supply Voltage, Surge (Applied between P-NU, NV, NW)
VCC(surge)
500
Volts
Collector-Emitter Voltage
VCES
600
Volts
Each IGBT Collector Current (TC = 25°C)
±IC
5
Amperes
Each Peak Collector Current (TC = 25°C, Less than 1ms)
±ICP
10
Amperes
Collector Dissipation (TC = 25°C, per 1 Chip)
PC
21.3
Watts
Power Device Junction Temperature*1
Tj
-20 ~ +150
°C
Control (Protection) Part
Control Supply Voltage (Applied between VP1-VNC, VN1-VNC)
VD
20
Volts
Control Supply Voltage (Applied between VUFB-U, VVFB-V, VWFB-W)
VDB
20
Volts
Input Voltage (Applied between UP, VP, WP-VNC, UN, VN, WN-VNC)
VIN
-0.5 ~ VD+0.5
Volts
Fault Output Supply Voltage (Applied between FO-VNC)
VFO
-0.5 ~ VD+0.5
Volts
Fault Output Current (Sink Current at FO Terminal)
IFO
1
mA
Current Sensing Input Voltage (Applied between CIN-VNC)
VSC
-0.5 ~ VD+0.5
Volts
Total System
Self-protection Supply Voltage Limit, Short Circuit Protection Capability
VCC(prot.)
400
Volts
(VD = 13.5 ~ 16.5V, Inverter Part, Tj = 125°C, Non-repetitive less than 2µs)
Module Case Operating Temperature*2
TC
-20 ~ +100
°C
Storage Temperature
Tstg
-40 ~ +125
°C
Isolation Voltage, 60Hz, Sinusoidal 1 Minute, All Connected Pins to Heatsink Plate
VISO
1500
Vrms
Thermal Resistance
Junction to Case*3
Rth(j-c)Q
Inverter IGBT Part (Per 1/6 Module)
—
—
4.7
°C/Watt
Rth(j-c)D
Inverter FWDi Part (Per 1/6 Module)
—
—
5.4
°C/Watt
*1 The maximum junction temperature rating of the power chips integrated within the DIPIPM is 150°C (@TC ≤ 100°C). However, to ensure safe operation of the DIPIPM,
the average junction temperature should be limited to Tj(avg) ≤ 25°C (@TC ≤ 100°C).
*2 TC measurement point
*3 Good thermal grease with long-term quality should be applied evenly with +100µm ~ +200µm on the contacting surface of the DIPIPM and heatsink. The contacting thermal resistance
between DIPIPM case and heatsink (Rth(c-f)) is determined by the thickness and the thermal conductivity of the applied grease. For reference, Rth(c-f) (per 1/6 module) is about 0.3°C/W
when the grease thickness is 20µm and the thermal conductivity is 1.0W/mK.
FWDi CHIP POSITION
POWER TERMINALS
CONTROL TERMINALS
IGBT CHIP POSITION
HEATSINK SIDE
TC POINT
11.6mm
3.0mm
DIPIPM



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com