Electronic Components Datasheet Search
  English  ▼

X  

LCE Datasheet(PDF) 6 Page - Ruilongyuan Electronics Co.,Ltd

Part # LCE
Description  Transient Voltage Suppressors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

LCE Datasheet(HTML) 6 Page - Ruilongyuan Electronics Co.,Ltd

  LCE Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd LCE Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd LCE Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd LCE Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd LCE Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd LCE Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd LCE Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Circuit Protection
System
Page:5
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Transient Voltage Suppressors - LCE Series
Dimensions
· Storage Conditions:
1. Storage Temperature: -10°C~+40°C
2. Relative Humidity:≤75%RH
3. Keep away from corrosive atmosphere and sunlight.
· Period of Storage: 1 year
Warehouse Storage Conditions of Products
Packaging
Part Number
Component
Package
Quantity
Packaging
Option
Packaging Specification
LCExxxXX
DO-201
1000
Tape & Reel
ELA STD RS-296E
LCExxxXX-B
DO-201
500
BULK
Concord Packing Spec
C
B
A
A
D
DIM
Inches
Millimeters
Min
Max
Min
Max
A
1.000
-
25.40
-
B
0.285
0.375
7.20
9.50
C
0.038
0.042
0.96
1.07
D
0.190
0.210
4.80
5.30
Unit:mm
Part Numbering System
VOLTAGE CODE
(Refer to the Electrical Characteristics table)
TYPE CODE:
A Uni-Directional (5%VoltageTolerance)
CA Bi-Directional
OPTION CODE:
BLANK Reel Tape
-B Bulk Packaging
SERIES CODE
xxxXXX
DO-201
LCE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com