Electronic Components Datasheet Search
  English  ▼

X  

AW3P Datasheet(PDF) 11 Page - Amphenol Corporation

Part # AW3P
Description  AT Series??Specifications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

AW3P Datasheet(HTML) 11 Page - Amphenol Corporation

Back Button AW3P Datasheet HTML 7Page - Amphenol Corporation AW3P Datasheet HTML 8Page - Amphenol Corporation AW3P Datasheet HTML 9Page - Amphenol Corporation AW3P Datasheet HTML 10Page - Amphenol Corporation AW3P Datasheet HTML 11Page - Amphenol Corporation AW3P Datasheet HTML 12Page - Amphenol Corporation AW3P Datasheet HTML 13Page - Amphenol Corporation AW3P Datasheet HTML 14Page - Amphenol Corporation AW3P Datasheet HTML 15Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
9
www.sineco.com
Receptacle - Military Style
Smooth Shell Plug - DiagnosticGrade™
P/N: AHD10-9-1939P
P/N: AHD17-9-1939S (available w/out Rear Seal)
Receptacle
In-line Receptacle
P/N: AHD10-9-96P
P/N: AHD14-9-1939P
Locking Ring Plug - Military Style
Locking Ring Plug (NonJ1939)-MilitaryStyle
P/N: AHD16-9-1939S
P/N: AHD16-9-96S
In-line Receptacle
Receptacle Cap - Military Style
P/N: AHD14-9-96P
P/N: AHDC-16-9
AHD Series™ Receptacles and Plugs - 9 Pin (J1939)
The AHD Series™ products listed below provide a quick connection between Amphenol Sine Systems 9 Pin products and equivalent
industry 9 Pin products.
AHD Series
Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com