Electronic Components Datasheet Search
  English  ▼

X  

PT5403C Datasheet(PDF) 13 Page - Texas Instruments

Part # PT5403C
Description  Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5403C Datasheet(HTML) 13 Page - Texas Instruments

Back Button PT5403C Datasheet HTML 7Page - Texas Instruments PT5403C Datasheet HTML 8Page - Texas Instruments PT5403C Datasheet HTML 9Page - Texas Instruments PT5403C Datasheet HTML 10Page - Texas Instruments PT5403C Datasheet HTML 11Page - Texas Instruments PT5403C Datasheet HTML 12Page - Texas Instruments PT5403C Datasheet HTML 13Page - Texas Instruments PT5403C Datasheet HTML 14Page - Texas Instruments PT5403C Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MECHANICAL DATA
MMSI001 – SEPTEMBER 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
EFL (R–MSIP–T5)
METAL SINGLE-IN-LINE MODULE
NOTES: A. All linear dimensions are in inches (mm).
B. This drawing is subject to change without notice.
C.
D.
E. Recommended mechanical keep-out area.
F. Electrical pin length mounted on circuit board
seating plane to pin end.
G. Electrically connect case to ground plane.
H. Case outline reference
2 place decimals are
" 0.030 (" 0, 76 mm).
3 place decimals are
" 0.010 (" 0, 25 mm).
4203195/A 08/01
1
0.017 (0,43) TYP.
PC LAYOUT
0.025 (0,63) TYP.
0.90 (22,86)
MAX.
0.160 (4,06) TYP.
0.100 (2,54) TYP.
0.140 (3,55) MIN.
1.11 (28,19)
MAX.
0.95 (24,13)
MAX.
0.310 (7,87)
0.040 (1,01) TYP.
0.032 (0,81) TYP.
0.860 (21,84)
(3,55)
0.140
0.100 (2,54)
0.090 (2,28)
0.050 (1,27)
Note E
0.100 (2,54)
4 Places
ø0.045 (1,14) MIN.
Plated through
5 Places
ø0.065 (1,65) MIN. 4 Places
Plated through connected
to ground plane
0.040 (1,01)
0.280 (7,11)
0.080 (2,03)
0.230 (5,84)
1
(19,81)
0.780
4 Places
See Note F
Note G
0.960 (24,38)
(21,84)
0.860
Note H
Suffix A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com