Electronic Components Datasheet Search
  English  ▼

X  

KA02 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KA02
Description  FINE WIRE (Fibre Glass) THERMOCOUPLE SENSOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KA02 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KA02 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATA SHEET
KA02
FINE WIRE (Fibre Glass) THERMOCOUPLE SENSOR
TYPE ‘K’
FINE WIRE SENSOR - Type ‘K’
Description
This sensor is constructed using a 1M length Fibre Glass wire constructed as a twisted pair. The
wire used is Class 1 Type K alloys (NiCr / NiAl). A weld bead is manufactured at one end of the wire
whilst the other end is terminated in a moulded miniature thermocouple plug.
Sensor Features
MOULDED PLUG
The use of a moulded plug gives a robust construction as well as providing a waterproof termination.
HIGH ACCURACY THERMOCOUPLE MATERIAL THROUGHOUT
Type ‘K’ Thermocouple
: Class I
(±01.5°C ±0.25%)
WIDE AMBIENT TEMPERATURE SPECIFICATION
: -50 TO 450 °C
TIME RESPONSE
(96% of value in moving gas)
: 0.1 Secs
MEASUREMENT RANGE
: -50 TO 450 °C
Cross-reference for compatible instruments
Suitable instruments for use with this probe
TME PART No
DESCRIPTION
APPLICATION
MM2000
SINGLE INPUT INSTRUMENT
HIGH ACCURACY TEMPERATURE MEASUREMENT
MM2010
MAX / MIN HOLD INSTRUMENT
HIGH ACCURACY INSTRUMENT WITH MAX, MIN AND HOLD FEATURES
MM2020
DIFFERENTIAL INSTRUMENT
DUAL INPUT INSTRUMENT FOR DIFFERENTIAL MEASUREMENTS
MM2030
THERMOCOUPLE SIMULATOR
HIGH ACCURACY SIMULATOR WITH MEASUREMENT FACILITY


Similar Part No. - KA02

ManufacturerPart #DatasheetDescription
logo
TM Electronics Inc
KA02 TM-KA02 Datasheet
123Kb / 1P
FINE WIRE (Fibre Glass) THERMOCOUPLE SENSOR TYPE ‘K’
More results

Similar Description - KA02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FGT01SCM060 ETC2-FGT01SCM060 Datasheet
46Kb / 2P
Photoelectrics Fibre Optics, Glass
logo
RHOPOINT COMPONENTS
20457 RHOPOINT-20457 Datasheet
102Kb / 1P
Heat flux sensor with integral thermocouple
27036-2 RHOPOINT-27036-2 Datasheet
99Kb / 1P
Heat flux sensor with integral thermocouple
logo
List of Unclassifed Man...
IT210SM900 ETC2-IT210SM900 Datasheet
2Mb / 27P
Glass Fibre-optic Specifications
logo
TT Electronics.
DS3117 TTELEC-DS3117 Datasheet
288Kb / 1P
Thermocouple Connectors
logo
Pepperl+Fuchs Inc.
OBG5000-R100-E5F-IO-V31 PF-OBG5000-R100-E5F-IO-V31 Datasheet
1,006Kb / 7P
Retroreflective sensor (glass)
logo
Greystone Energy System...
TSGLX GREYSTONE-TSGLX Datasheet
146Kb / 1P
GLASS TEMPERATURE SENSOR
logo
Omega Engineering, Inc.
SPIR OMEGA-SPIR Datasheet
194Kb / 1P
Thermocouple Wire Fine Diameter Base Metal
SPPL OMEGA-SPPL Datasheet
313Kb / 2P
Platinum-Rhodium-Single Fine-Diameter Thermocouple Wire for High-Temperature Applications
logo
Pepperl+Fuchs Inc.
OBG3000-18GK40A-E0-V1 PF-OBG3000-18GK40A-E0-V1 Datasheet
687Kb / 4P
Retroreflective sensor (glass)
2021-06-28
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com