Electronic Components Datasheet Search
  English  ▼

X  

PP100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PP100
Description  2491B Single Core Flexible
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PP100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PP100 Datasheet HTML 1Page - List of Unclassifed Manufacturers PP100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2491B Single Core Flexible
Page <2>
06/05/10 V1.0
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
Specification Table
Primary
Insulation
Colour
Voltage
Rating
(V ac)
Core
earth/core-core
Voltage Rating
Current
Rating
(A)
Conductor
Area
CSA
(mm2)
Resistance
per Meter
(R)
External
Diameter
Primary
Insulation
Thickness
Conductor
Make-up*
Part Number
Blue
450
450/750
25
2.5
7.98
3.63
0.8
50/0.25
PP99
Black
-
PP100
Green/Yellow
-
PP101
Brown
-
6.0
3.30
5.00
84/0.30
PP105
Blue
-
PP106
Black
-
PP107
Green/Yellow
-
PP108
Brown
-
10.0
1.91
6.40
80/0.40
PP112
Blue
-000A
PP113
Black
-
PP114
Green/Yellow
-
PP115
Disclaimer This data sheet and its contents (the "Information") belong to the Premier Farnell Group (the "Group") or are licensed to it. No licence is granted for the use of it other than for information purposes
in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces all data sheets previously supplied.
The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use made of it. Users of this data
sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted. Liability for loss or damage
resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising) is excluded.
This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. SPC pro-Power is the registered trademark of the Group. © Premier Farnell plc 2010.
*This is a nominal number of strands. All wires made to meet minimum cross-sectional area and maximum resistance as set in BS
specification.
Dimensions : Millimetres



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com