Electronic Components Datasheet Search
  English  ▼

X  

PD421407 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # PD421407
Description  POW-R-BLOKTM Dual SCR / Diode Isolated Module 700 Amperes, Up to 1800 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PD421407 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  PD421407 Datasheet HTML 1Page - Powerex Power Semiconductors PD421407 Datasheet HTML 2Page - Powerex Power Semiconductors PD421407 Datasheet HTML 3Page - Powerex Power Semiconductors PD421407 Datasheet HTML 4Page - Powerex Power Semiconductors PD421407 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
www.pwrx.com
Dual SCR / Diode Isolated Module
700 Amperes, Up to 1800 Volts
Revision Date: 05/29/2012
PD42__07
®
Absolute Maximum Ratings
Characteristics
Conditions
Symbol
Units
Repetitive Peak Forward and Reverse Blocking
Voltage
VDRM & VRRM
Up to 1800
V
Non-Repetitive Peak Blocking Voltage
(t < 5 msec)
VRSM
VRRM + 100V
V
RMS Current AC Switch Configuration
(180
o
Conduction)
180
 Conduction, T
C=74C
180
 Conduction, T
C=78C
180
 Conduction, T
C=82C
180
 Conduction, T
C=86C
IT(RMS)
IT(RMS)
IT(RMS)
IT(RMS)
1775
1665
1550
1440
A
A
A
A
RMS Current Per SCR
(180
o
Conduction)
180
 Conduction, T
C=74C
180
 Conduction, T
C=78C
180
 Conduction, T
C=82C
180
 Conduction, T
C=86C
IT(RMS)
IT(RMS)
IT(RMS)
IT(RMS)
1256
1178
1100
1020
A
A
A
A
Average Forward Current Per SCR
(180
o
Conduction)
180
 Conduction, T
C=74C
180
 Conduction, T
C=78C
180
 Conduction, T
C=82C
180
 Conduction, T
C=86C
IT(AV)
IT(AV)
IT(AV)
IT(AV)
800
750
700
650
A
A
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 25C, Vr = 0
60 Hz
50 Hz
ITSM
ITSM
69,000
63,000
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 25C, Vr = Vrrm
60 Hz
50 Hz
ITSM
ITSM
46,000
42,000
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 125C, Vr = 0
60 Hz
50 Hz
ITSM
ITSM
60,000
54,750
A
A
Peak One Cycle Surge Current, Non-Repetitive
Tj = 125C, Vr = Vrrm
60 Hz
50 Hz
ITSM
ITSM
40,000
36,500
A
A
Peak Three Cycle Surge Current, Non-Repetitive
60 Hz, Tj = 125C, Vr = Vrrm
ITSM
32,100
A
Peak Ten Cycle Surge Current, Non-Repetitive
60 Hz, Tj = 125C, Vr = Vrrm
ITSM
25,200
A
I
2t for Fusing for One Cycle
Tj = 125C, Vr = Vrrm
8.3 milliseconds
10 milliseconds
I
2t
I
2t
6.60 x 10
6
6.66 x 10
6
A
2 sec
A
2 sec
Maximum Rate-of-Rise of On-State Current,
(Non-Repetitive)
Per JEDEC Standard 397 5.2.2.6
di/dt
400
A/
s
Maximum Rate-of-Rise of On-State Current,
(Repetitive)
Per JEDEC Standard 397 5.2.2.6
di/dt
150
A/
s
Operating Temperature
TJ
-40 to +125
C
Storage Temperature
Tstg
-40 to +150
C
Max. Mounting Torque, M6 Mounting Screw
132
15
in.
– Lb.
Nm
Max. Mounting Torque, M10 Terminal Screw
106
12
in.
– Lb.
Nm
Module Weight, Typical
5.33
kg
11.75
lb
V Isolation @ 25C
Vrms
4000
V
Information presented is based upon manufacturers testing and projected capabilities.
This information is subject to change without notice.
The manufacturer makes no claim as to suitability for use, reliability, capability,
or future availability of this product.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com